Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7842KBCZ-5 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7842KBCZ-5
Description  Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7842KBCZ-5 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7842KBCZ-5 Datasheet HTML 5Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 6Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 7Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 8Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 9Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 10Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 11Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 12Page - Analog Devices ADV7842KBCZ-5 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADV7842
Rev. B | Page 9 of 28
TIMING CHARACTERISTICS
Data and I2C Timing Characteristic
Table 5.
Parameter1
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK AND CRYSTAL
Crystal Frequency, XTAL
28.63636
MHz
Crystal Frequency Stability
±50
ppm
Horizontal Sync Input Frequency
10
110
kHz
LLC Frequency Range
12.825
170
MHz
I2C PORTS
SCL Frequency
400
kHz
SCL Minimum Pulse Width High
t1
600
ns
SCL Minimum Pulse Width Low
t2
1.3
µs
Start Condition Hold Time
t3
600
ns
Start Condition Setup Time
t4
600
ns
SDA Setup Time
t5
100
ns
SCL and SDA Rise Time
t6
1000
ns
SCL and SDA Fall Time
t7
300
ns
Stop Condition Setup Time
t8
0.6
µs
TTX I2C PORTS
SCL Frequency
3.4
MHz
SCL Minimum Pulse Width High
t1
60
ns
SCL Minimum Pulse Width Low
t2
160
ns
Start Condition Hold Time
t3
160
ns
Start Condition Setup Time
t4
160
ns
SDA Setup Time
t5
10
ns
SCL and SDA Rise Time
t6
10
80
ns
SCL and SDA Fall Time
t7
10
80
ns
Stop Condition Setup Time
t8
160
ns
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC Mark-Space Ratio
t9:t10
45:55
55:45
% duty cycle
DATA AND CONTROL OUTPUTS2
Data Output Transition Time SDR (SDP)
t11
End of valid data to negative clock edge
2.9
4.6
ns
Data Output Transition Time SDR (SDP)
t12
Negative clock edge to start of valid data
0.2
0.6
ns
Data Output Transition Time SDR (CP)
t13
End of valid data to negative clock edge
1.5
2.2
ns
Data Output Transition Time SDR (CP)
t14
Negative clock edge to start of valid data
0.1
0.3
ns
I2S PORT, MASTER MODE
SCLK Mark-Space Ratio
t15:t16
45:55
55:45
% duty cycle
LRCLK Data Transition Time
t17
End of valid data to negative SCLK edge
10
ns
LRCLK Data Transition Time
t18
Negative SCLK edge to start of valid data
10
ns
I2Sx Data Transition Time
t19
End of valid data to negative SCLK edge
5
ns
I2Sx Data Transition Time
t20
Negative SCLK edge to start of valid data
5
ns
1
Guaranteed by characterization.
2
With the DLL block on output clock bypassed.


Similar Part No. - ADV7842KBCZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
394Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. B
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
394Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. B
More results

Similar Description - ADV7842KBCZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
394Kb / 28P
   Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. B
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
   Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7844 AD-ADV7844 Datasheet
76Kb / 2P
   Quad HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7840 AD-ADV7840 Datasheet
72Kb / 2P
   12-Bit, 170 MHz Video and Graphics Digitizer with 3D Comb Filter Decoder and Quad HDMI 1.3 Receiver
Rev. SpA
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604_13 Datasheet
354Kb / 20P
   12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Analog Devices
ADV7482 AD-ADV7482 Datasheet
372Kb / 20P
   Integrated Video Decoder and HDMI Receiver
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Analog Devices
ADV7481 AD-ADV7481 Datasheet
404Kb / 22P
   Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com