Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL111728GC-TUL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL111728GC-TUL
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL111728GC-TUL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL111728GC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APL111728GC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APL111728GC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APL111728GC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APL111728GC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APL111728GC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APL111728GC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APL111728GC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APL111728GC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. C.10 - Sep., 2010
APL1117
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
APL1117
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Load Regulation
APL1117 (VIN -VOUT)=3V, 0
≤ I
OUT
≤1A (Note 2)
-
0.1
0.4
%
APL1117-12 VIN = 2.65V, 0
≤ I
OUT
≤1A (Note 2)
-
1
10
APL1117-18 VIN = 3.25V, 0
≤ I
OUT
≤1A (Note 2)
-
1
10
APL1117-25 VIN = 3.95V, 0
≤ I
OUT
≤1A (Note 2)
-
1
10
APL1117-28 VIN = 4.25V, 0
≤ I
OUT
≤1A (Note 2)
-
1
10
APL1117-33 VIN = 4.75V, 0
≤ I
OUT
≤1A (Note 2)
-
1
10
REGLOAD
APL1117-50 VIN = 6.45V, 0
≤ I
OUT
≤1A (Note 2)
-
1
10
mV
VD
Dropout Voltage
IOUT = 100mA
(Note 3)
IOUT = 500mA
(Note 3)
IOUT = 1A
(Note 3)
-
1
1.05
1.1
1.1
1.2
1.3
V
ILIMIT
Current-Limit
(VIN -VOUT) = 5V, TJ = 25
°C
1000
-
-
mA
IADJ
Adjust Pin Current
APL1117
(VIN -VOUT) = 3V, IOUT = 10mA
-
60
120
µA
∆I
ADJ
Adjust Pin Current Change
APL1117
10mA
≤ I
OUT
≤1A,
1.4V
≤ (V
IN -VOUT)
≤10.75V
-
0.2
5
µA
IO
Minimum Load Current
APL1117
(VIN -VOUT) = 10.75V
(Note 4)
-
1.7
-
mA
PSRR
Ripple Rejection
fRIPPLE =120Hz, VRIPPLE = 1VP-P, (VIN -VOUT) = 3V
60
75
-
dB
TR
Thermal Regulation
TJ = 25
°C, 30ms Pulse
-
0.01
0.02
%/ W
TS
Temperature Stability
-
0.5
-
%
LS
Long-Term Stability
TJ = 125
°C, 1000Hrs.
-
0.3
-
%
VN
RMS Output Noise
TJ = 25
°C, 10Hz≤F≤10kHz, (% of V
OUT)
-
0.003
-
%
VD
Dropout Voltage
IOUT=100mA
(Note2)
IOUT=500mA
(Note2)
IOUT=1A
(Note2)
-
1
1.05
1.1
1.1
1.2
1.3
V
ILIMIT
Current-Limit
(VIN -VOUT)=5V, TJ=25
°C
1000
-
-
mA
IADJ
Adjust Pin Current
APL1117
(VIN -VOUT)=3V, IOUT=10mA
-
60
120
µA
∆I
ADJ
Adjust Pin Current Change
APL1117
10mA
≤ I
OUT
≤1A,
1.4V
≤(V
IN -VOUT)
≤10.75V
-
0.2
5
µA
IO
Minimum Load Current
APL1117
(VIN -VOUT)=10.75V
(Note 4)
-
1.7
-
mA
PSRR
Ripple Rejection
fRIPPLE=120Hz, VRIPPLE=1VP-P, (VIN -VOUT)=3V
60
75
-
dB
TR
Thermal Regulation
TJ=25
°C, 30ms Pulse
-
0.01
0.02
%/W
TS
Temperature Stability
-
0.5
-
%
LS
Long-Term Stability
TJ=125
°C,1000Hrs.
-
0.3
-
%
VN
RMS Output Noise
TJ=25
°C,10Hz≤F≤10kHz, (% of V
OUT)
-
0.003
-
%
Unless otherwise noted, these specifications apply over C
IN = 10µF , COUT = 10µF, and
T
A = 0 to 70°C. Typical values
refer to T
A = 25°C.


Similar Part No. - APL111728GC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TU ANPEC-APL1117-18GC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL111728GC-TUL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com