Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3520A Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL3520A
Description  USB Dual Power-Distribution Switches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3520A Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL3520A Datasheet HTML 6Page - Anpec Electronics Coropration APL3520A Datasheet HTML 7Page - Anpec Electronics Coropration APL3520A Datasheet HTML 8Page - Anpec Electronics Coropration APL3520A Datasheet HTML 9Page - Anpec Electronics Coropration APL3520A Datasheet HTML 10Page - Anpec Electronics Coropration APL3520A Datasheet HTML 11Page - Anpec Electronics Coropration APL3520A Datasheet HTML 12Page - Anpec Electronics Coropration APL3520A Datasheet HTML 13Page - Anpec Electronics Coropration APL3520A Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Nov., 2012
APL3520A/B/C/D
www.anpec.com.tw
10
Operating Waveforms
The test condition is V
IN=5V, TA= 25
oC unless otherwise specified.
Turn On Response
1
2
VEN1
CH1: VEN1, 5V/Div, DC
TIME: 200us/Div
VIN =5V, RLOAD =30Ω, CIN =33uF/Electrolytic ,
COUT =1
µF/Electrolytic,
VOUT1
CH2: VEN2, 5V/Div, DC
VEN2
V
OUT2
CH3: VOUT1, 2V/Div, DC
CH4: VOUT2, 2V/Div, DC
3
4
Turn Off Response
1
VIN =5V, RLOAD=30Ω, CIN =33uF/Electrolytic,
COUT =1
µF/Electrolytic,
2
3
4
V
EN 1
VOUT1
VEN2
V OUT2
CH1: VEN1, 5V/Div, DC
TIME: 200us/Div
CH2: VEN2, 5V/Div, DC
CH3: VOUT1, 2V/Div, DC
CH4: VOUT2, 2V/Div, DC
TIME:5ms/Div
UVLO at Rising
V OUT1
V
IN
1
3
2
VIN =5V, RLOAD=30Ω, EN1 and EN2 tied to VIN,
CIN =33uF/Electrolytic, COUT =
1µF/Electrolytic ,
CH1: VIN, 2V/Div, DC
CH2: VOUT1, 2V/Div, DC
V OUT2
CH3: VOUT2, 2V/Div, DC
UVLO at Falling
VIN
1
2
VOUT1
TIME:5ms/Div
CH2: VOUT1, 1V/Div, DC
VIN =5V, RLOAD=30Ω, EN1 and EN2 tied to VIN,
CIN =33uF/Electrolytic, COUT =1µF/Electrolytic ,
CH1: VIN, 2V/Div, DC
3
VOUT2
CH3: VOUT2, 1V/Div, DC


Similar Part No. - APL3520A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3521 ANPEC-APL3521 Datasheet
275Kb / 18P
   Power-Distribution Switches
APL3521AI-TRG ANPEC-APL3521AI-TRG Datasheet
275Kb / 18P
   Power-Distribution Switches
APL3521BI-TRG ANPEC-APL3521BI-TRG Datasheet
275Kb / 18P
   Power-Distribution Switches
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
More results

Similar Description - APL3520A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
logo
Texas Instruments
TPS2042 TI-TPS2042 Datasheet
430Kb / 24P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2042DR TI-TPS2042DR Datasheet
589Kb / 26P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Impala Linear Corporati...
ILC7536 IMPALA-ILC7536 Datasheet
42Kb / 1P
   USB DUAL POWER CONTROL SWITCHES
logo
Allegro MicroSystems
2526 ALLEGRO-2526 Datasheet
220Kb / 12P
   USB DUAL POWER CONTROL SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com