Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3511CKI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3511CKI-TRG
Description  USB Power-Distribution Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3511CKI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3511CKI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL3511CKI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL3511CKI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3511CKI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3511CKI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3511CKI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3511CKI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3511CKI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3511CKI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2012
APL3510/1
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage
2.7 ~ 5.5
V
OUT Output Current (APL3510A/B, APL3511A/B)
0 ~2
OUT Output Current (APL3510C/D, APL3511C/D)
0 ~1
IOUT
OUT Output Current (APL3510E/F)
0 ~0.3
A
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=5V, VEN =5V or VENB=0V and TA= -40 ~ 85
oC. Typical values are
at T
A=25
oC.
APL3510/1
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
No load, VEN=0V or VENB=5V
-
-
1
µA
VIN Supply Current
No load, VEN=5V or VENB=0V
-
65
100
µA
Leakage Current
VOUT=GND, VEN=0V or VENB=5V
-
-
1
µA
Reverse Leakage Current
VIN=GND, VOUT=5V, VEN=0V or
VENB=5V
-
-
1
µA
POWER SWITCH
SOP-8 Package
-
80
90
SOT-23-5 Package
-
75
90
RDS(ON)
Power Switch On Resistance
IOUT=1.5A,
TA= 25
oC
MSOP-8 Package
-
70
90
m
UNDER-VOLTAGE LOCKOUT (UVLO)
VIN UVLO Threshold Voltage
VIN rising, TA= -40 ~ 85
oC
1.7
-
2.65
V
VIN UVLO Hysteresis
-
0.2
-
V
CURRENT-LIMIT AND SHORT-CIRCUIT PROTECTIONS
ILIM
Current Limit Threshold
APL3510A/B, APL3511A/B,
VIN=2.7V to 5.5V, TA= -40 ~ 85
oC
2.1
2.5
2.9
A
APL3510C/D, APL3511C/D,
VIN=2.7V to 5.5V, TA= -40 ~ 85
oC
1.1
1.5
1.9
A
APL3510E/F,
VIN=2.7V to 5.5V, TA= -40 ~ 85
oC
0.35
-
0.7
A
ISHORT
Short-Circuit Output Current
APL3510A/B, APL3511A/B,
VIN=2.7V to 5.5V
-
0.8
-
A
APL3510C/D, APL3511C/D,
VIN=2.7V to 5.5V
-
0.8
-
A
APL3510E/F,
VIN=2.7V to 5.5V
0.35
-
0.7
A
Recommended Operating Conditions (Note 3)
Note 3 : Refer to the typical application circuit


Similar Part No. - APL3511CKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3512 ANPEC-APL3512 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512ABI-TRG ANPEC-APL3512ABI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AKI-TRG ANPEC-APL3512AKI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AQBI-TRG ANPEC-APL3512AQBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512BBI-TRG ANPEC-APL3512BBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
More results

Similar Description - APL3511CKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com