Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3511DKI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL3511DKI-TRG
Description  USB Power-Distribution Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3511DKI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL3511DKI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2012
APL3510/1
www.anpec.com.tw
7
Typical Operating Characteristics (Cont.)
UVLO Threshold Voltage vs.
Junction Temperature
UVLO Rising
UVLO Falling
I
OUT =15mA,
C
IN = COUT =33µF/Elctrolytic
Junction Temperature (oC)
1.2
1.6
2.0
2.4
2.8
3.2
0.8
-50
0
50
100
150
Switch Off Supply Current vs.
Junction Temperature
Junction Temperature (oC)
V
IN = 5V, RLOAD = Open,
C
IN = COUT =33µF/Elctrolytic
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
0
50
100
150
OCB Deglitch Time vs. Junction
Temperature
R
LOAD =1Ω,
C
IN = COUT =33µF/Elctrolytic
Junction Temperature (oC)
-50
0
50
100
150
9
10
11
12
13
14
15
16
17
18
OCB Deglitch Time vs. Input Voltage
Input Voltage (V)
R
LOAD =1Ω,
C
IN = COUT =33µF/Elctrolytic
2.5
3.0
3.5
4.0
4.5
5.0
5.5
9
10
11
12
13
14
15
16
17
18
Turn-On Rising Time vs. Junction
Temperature
Junction Temperature (oC)
V
IN = 5V, RLOAD =30Ω,
C
IN = 33µF/Elctrolytic, COUT =1µF/X7R
-50
0
50
100
150
0
100
200
600
700
300
400
500
Turn-Off Falling Time vs. Junction
Temperature
V
IN = 5V, RLOAD =30Ω,
C
IN = 33µF/Elctrolytic, COUT =1µF/X7R
Junction Temperature (oC)
100
150
200
50
0
-50
0
50
100
150


Similar Part No. - APL3511DKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3512 ANPEC-APL3512 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512ABI-TRG ANPEC-APL3512ABI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AKI-TRG ANPEC-APL3512AKI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AQBI-TRG ANPEC-APL3512AQBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512BBI-TRG ANPEC-APL3512BBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
More results

Similar Description - APL3511DKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com