Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3517BBBI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL3517BBBI-TRG
Description  Compact, Small Package 100mA Power-Distribution Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3517BBBI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL3517BBBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3517BBBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3517BBBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3517BBBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3517BBBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3517BBBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3517BBBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3517BBBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL3517BBBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2012
APL3517/A/B
www.anpec.com.tw
8
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=5V, TA= 25
oC unless otherwise specified.
VIN=4.5V ,VOUT=open →5V
CH1: VIN, 2V/Div, DC
TIME: 0.2ms/Div
CIN=0.1µF, COUT=0.1µF
CH2: VOUT, 2V/Div, DC
CH3: IOUT, 0.5A/Div, DC
Reverse Current Protection
1
2
3
VOUT
IOUT
VIN
CH1: VIN, 2V/Div, DC
CH2: VOUT, 2V/Div, DC
TIME: 20
µs/Div
CIN=0.1µF, COUT=0.1µF, VOUT=open → 6V
CH3: IOUT, 1A/Div, DC
Output Over-Voltage Protection
IOUT
VIN
1
2
3
VOUT
Enable Response
V
ENB
VOUT
IOUT
1
2
3
APL3517 B
CH1: VOUT, 2V/Div, DC
CH2: VENB, 5V/Div, DC
TIME: 1ms/Div
VENB=5 to 0V, CIN=0.1µF, COUT=0.1µF, ROUT=50Ω
CH3: IOUT, 100mA/Div, DC
Shutdown Response
CH1: VOUT, 2V/Div, DC
CH2: VENB, 5V/Div, DC
TIME: 40
µs/Div
VENB=0 to 5V, CIN=0.1µF, COUT=0.1µF, ROUT=50Ω
CH3: IOUT, 100mA/Div, DC
1
2
3
VENB
VOUT
IOUT
APL 3517B


Similar Part No. - APL3517BBBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510ABI-TRG ANPEC-APL3510ABI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AKI-TRG ANPEC-APL3510AKI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AXI-TRG ANPEC-APL3510AXI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510BBI-TRG ANPEC-APL3510BBI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
More results

Similar Description - APL3517BBBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3534 ANPEC-APL3534 Datasheet
201Kb / 14P
   Compact, Small Package 1A Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com