Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3511EXI-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL3511EXI-TRG
Description  USB Power-Distribution Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3511EXI-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL3511EXI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2012
APL3510/1
www.anpec.com.tw
11
Pin Description
PIN
NO.
SOT-23-5
SOP-8/
MSOP-8 APL3510 APL3511
NAME
FUNCTION
1
2
2
GND
Ground.
2
3
4
5
VIN
Power Supply Input. Connect this pin to external DC supply.
EN
(A/C/E)
Enable Input. Pulling this pin to high will enable the device and pulling this pin to low
will disable device. The EN pin cannot be left floating.
4
3
4
ENB
(B/D/F)
Enable Input. Pulling this pin to high will disable the device and pulling this pin to low
will enable device. The ENB pin cannot be left floating.
5
1
3
OCB
Fault Indication Pin. This pin goes low when a current limit or an over-temperature
condition is detected after a 12ms deglitch time.
6
7
8
5
1
VOUT
Output Voltage Pin. The output voltage follows the input voltage. When ENB is high or
EN is low, the output voltage is discharged by an internal resistor.
Block Diagram
Gate Driver and
Control Logic
UVLO
VIN
VOUT
Charge
Pump
OCB
EN/
ENB
OTP
GND
Current
Limit
Short-Circuit
Protection


Similar Part No. - APL3511EXI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3512 ANPEC-APL3512 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512ABI-TRG ANPEC-APL3512ABI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AKI-TRG ANPEC-APL3512AKI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AQBI-TRG ANPEC-APL3512AQBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512BBI-TRG ANPEC-APL3512BBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
More results

Similar Description - APL3511EXI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com