Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1581 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL1581
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1581 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL1581_12 Datasheet HTML 1Page - Anpec Electronics Coropration APL1581_12 Datasheet HTML 2Page - Anpec Electronics Coropration APL1581_12 Datasheet HTML 3Page - Anpec Electronics Coropration APL1581_12 Datasheet HTML 4Page - Anpec Electronics Coropration APL1581_12 Datasheet HTML 5Page - Anpec Electronics Coropration APL1581_12 Datasheet HTML 6Page - Anpec Electronics Coropration APL1581_12 Datasheet HTML 7Page - Anpec Electronics Coropration APL1581_12 Datasheet HTML 8Page - Anpec Electronics Coropration APL1581_12 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.8 - Jan., 2012
APL1581
www.anpec.com.tw
4
APL1581
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICNTL
CNTL Pin Current
VCNTL-VOUT=1.5V, VIN-VOUT=0.8V,
IO =5A
-
45
120
mA
IGND
Ground Pin Current
APL1581-15
APL1581-18
APL1581-25
VCNTL =3V, VIN =2.3V
VCNTL =3.3V, VIN =2.6V
VCNTL =4V, VIN =3.3V
-
8
13
mA
IADJ
Adjust Pin Current
APL1581
VCNTL=2.75V, VIN=2.05V , VADJ =0V
-
50
120
µA
Note 5 : Low duty cycle pulse test with Kelvin connections are required to maintain data accuracy .
Note 6 : Dropout voltage is defined as the minimum difference between V
IN and VOUT required to maintain 1% VOUT regulation.
Note 7 : Minimum load current is defined as the minimum current required at the output to maintain V
OUT regulation.
Unless otherwise noted , these specifications apply over C
IN = 10µF, CCNTL = 1µF, COUT = 10µF, and TA = 0 to 70°C. Typical values refer
to T
A = 25°C. VOUT = VSENSE.
Electrical Characteristics (Cont.)


Similar Part No. - APL1581_12

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL158115FC-TRG ANPEC-APL158115FC-TRG Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
APL158115FC-TRL ANPEC-APL158115FC-TRL Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
APL158115GC-TRG ANPEC-APL158115GC-TRG Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
APL158115GC-TRL ANPEC-APL158115GC-TRL Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
APL158115KAC-TRG ANPEC-APL158115KAC-TRG Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
More results

Similar Description - APL1581_12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com