Electronic Components Datasheet Search |
|
APL1582 Datasheet(PDF) 5 Page - Anpec Electronics Coropration |
|
APL1582 Datasheet(HTML) 5 Page - Anpec Electronics Coropration |
5 / 12 page Copyright © ANPEC Electronics Corp. Rev. A.8 - Apr., 2010 APL1582 www.anpec.com.tw 5 0 5 10 15 20 25 30 35 40 0 0.5 1 1.5 2 2.5 3 0 5 10 15 20 25 30 35 40 0 0.5 1 1.5 2 2.5 3 Typical Operating Characteristics (Cont.) Control Pin Current vs. Output Current Output Current (A) Control Pin Current vs. Output Current Output Current (A) T J=0°C T J=25°C T J=125°C T J=0°C T J=25°C T J=125°C VIN-VOUT=1.0V VIN-VOUT=4.25V PIN NO. NAME I/O FUNCTION 1 VSENSE I Positive side of the reference voltage, which allows remote sensing to obtain excellent load regulation. 2 ADJ O Negative side of the reference voltage, which allows to use resistor divider to set an expect output voltage. A small bypass capacitor can be connected from this pin to the ground to improve PSRR performance. 3 VOUT O Output pin of the regulator, which connects to the TAB. A minimum of 10 µF capacitor must be connected from this pin to ground to ensure the stability. 4 VCONTROL I Supply pin of the control circuitry, which must be always higher than VOUT for the device to regulate. (See Electrical Characteristics) 5 VIN I Power input pin of the regulator, which must be always higher than VOUT for the device to regulate. (See Electrical Characteristics) Pin Description |
Similar Part No. - APL1582 |
|
Similar Description - APL1582 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |