Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5327BI-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5327BI-TRG
Description  Adjustable Low Dropout 300mA Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5327BI-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5327BI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL5327BI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2011
APL5327
www.anpec.com.tw
10
Package Information
SOT-23-5
MAX.
0.057
0.051
0.024
0.006
0.009
0.020
0.012
L
0.30
0
e
e1
E1
E
D
c
b
0.08
0.30
0.60
0.012
0.95 BSC
1.90 BSC
0.22
0.50
0.037 BSC
0.075 BSC
0.003
MIN.
MILLIMETERS
S
Y
M
B
O
L
A1
A2
A
0.00
0.90
SOT-23-5
MAX.
1.45
0.15
1.30
MIN.
0.000
0.035
INCHES
°
8
°
0
°
8
°
0
b
c
e1
L
VIEW A
GAUGE PLANE
SEATING PLANE
e
D
SEE
VIEW A
1.40
2.60
1.80
3.00
2.70
3.10
0.122
0.071
0.118
0.102
0.055
0.106
Note : 1. Follow JEDEC TO-178 AA.
2. Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil
per side.
NX
aaa c
0.10
aaa
0.004


Similar Part No. - APL5327BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12A ANPEC-APL5320-12A Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12B ANPEC-APL5320-12B Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320-12BT ANPEC-APL5320-12BT Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5327BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5322 ANPEC-APL5322 Datasheet
352Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com