Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5308 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5308
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5308 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5308 Datasheet HTML 1Page - Anpec Electronics Coropration APL5308 Datasheet HTML 2Page - Anpec Electronics Coropration APL5308 Datasheet HTML 3Page - Anpec Electronics Coropration APL5308 Datasheet HTML 4Page - Anpec Electronics Coropration APL5308 Datasheet HTML 5Page - Anpec Electronics Coropration APL5308 Datasheet HTML 6Page - Anpec Electronics Coropration APL5308 Datasheet HTML 7Page - Anpec Electronics Coropration APL5308 Datasheet HTML 8Page - Anpec Electronics Coropration APL5308 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Low I
Q, Low Dropout 300mA Fixed Voltage Regulator
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Dec., 2008
APL5308/9
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
SOT-23-3 (Top View)
APL5309
GND
1
2
3
V OUT
VIN
APL5309
SOT-89 (Top View)
GND
V IN
V OUT
1
2
3
TAB is GND
Features
The APL5308/9 series are micropower, low dropout lin-
ear regulators, which operate from 2.7V to 6V input volt-
age and deliver up to 300mA. Typical dropout voltage
is only 400mV at 300mA loading. Designed for use in
battery-powered system, the low 60
µA quiescent cur-
rent makes it an ideal choice. Design with an internal P-
channel MOSFET pass transistor, the APL5308/9 maintain
a low supply current, independent of the load current and
dropout voltage. Other features include thermal-shut-
down protection current limit protection to ensure
specified output current and controlled short-circuit
current. The APL5308/9 regulators come in a minia-
ture SOT-23-3, SOT-23-5, and SOT-89 packages.
Applications
Low Quiescent Current : 60
µA (No load)
Low Dropout Voltage : 400mV (@300mA)
Fixed Output Voltage : 1.5V ~ 4.5V by Step 0.1V
Increment
Stable with Aluminum, Tantalum, or Ceramic
Capacitors
No Protection Diodes Needed
Built-in Thermal Protection
Built-in Current-Limit Protection
Controlled Short Circuit Current : 50mA
Fast Transient Response
Short Setting Time
SOT-23-3, SOT-23-5, and SOT-89 Packages
Lead Free and Green Devices Available
(RoHS Compliant)
Pin Configuration
SOT-23-3 (Top View)
GND
1
2
3
VOUT
VIN
APL5308
General Description
VIN GND
VOUT
NC
NC
1
2
3
4
5
SOT-23-5 (Top View)
APL5309
APL5308
SOT-89 (Top View)
GND
V IN
V OUT
1
2
3
TAB is V IN
VIN
GND
VOUT
NC
NC
1
2
3
4
5
SOT-23-5 (Top View)
APL5308
5V to 3.3~4.5V Linear Regulators
3.3V to 1.5~2.5V Linear Regulators
CD-ROM, CD-R/W, and DVD Player
Networking System, LAN Card, ADSL/Cable
Modem, Cable Set-Top Box
PC Peripherals


Similar Part No. - APL5308

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15A ANPEC-APL5308-15A Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15AC ANPEC-APL5308-15AC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15B ANPEC-APL5308-15B Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-15BC ANPEC-APL5308-15BC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5308

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com