Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL111728UC-TUG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL111728UC-TUG
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL111728UC-TUG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL111728UC-TUG Datasheet HTML 1Page - Anpec Electronics Coropration APL111728UC-TUG Datasheet HTML 2Page - Anpec Electronics Coropration APL111728UC-TUG Datasheet HTML 3Page - Anpec Electronics Coropration APL111728UC-TUG Datasheet HTML 4Page - Anpec Electronics Coropration APL111728UC-TUG Datasheet HTML 5Page - Anpec Electronics Coropration APL111728UC-TUG Datasheet HTML 6Page - Anpec Electronics Coropration APL111728UC-TUG Datasheet HTML 7Page - Anpec Electronics Coropration APL111728UC-TUG Datasheet HTML 8Page - Anpec Electronics Coropration APL111728UC-TUG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. C.10 - Sep., 2010
APL1117
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APL1117
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
θ
JC
Thermal Resistance Junction
to Case
SOT-223
TO-252
TO-263
TO-220
-
15
10
3
3
-
°C/ W
OT
Over-Temperature Point
-
150
-
°C
IQ
Quiescent Current
APL1117-12,18,25,28
APL1117-33,50
VIN
≤9V
VIN
≤12V
-
5.5
5.5
10
10
mA
Unless otherwise noted , these specifications apply over C
IN = 10µF , COUT = 10µF , and
T
A = 0 to 70°C. Typical values
refer to T
A = 25°C.
Note 2: See thermal regulation specifications for changes in output voltage due to heating effects. Load line regulations are measured
at a constant junction temperature by low duty cycle pulse testing.
Note 3: Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/
output differential measured at the specified output current. Test points and limits are also shown on the Dropout Voltage curve.
Note 4: Minimum load current is defined as the minimum output current required to maintain regulation.


Similar Part No. - APL111728UC-TUG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TU ANPEC-APL1117-18GC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL111728UC-TUG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com