Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008CS-392XFLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008CS-392XFLB
Description  Chip Inductors - 1008CS Series (2520)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008CS-392XFLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008CS-392XFLB Datasheet HTML 1Page - Coilcraft lnc. 1008CS-392XFLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductors–1008CS Series (2520)
Document 101-1
Document 101-1 Revised 01/11/12
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.010/0,25 both ends
Recommended
Land Pattern
Pick and
place
material
10
100
Frequency (MHz)
1000
10000
100
100
120
90
70
80
60
50
40
30
20
10
0
47 nH
12 nH
330 nH
750 nH
1800 nH
100 nH
Typical Q vs Frequency
Typical L vs Frequency
A
B
C
D
max max
max
ref
E
F
G
H
I
J
0.115 0.110 0.080 0.020 0.080 0.020 0.060 0.100 0.040 0.050 inches
2,92 2,79
2,03
0,51
2,03
0,51
1,52
2,54
1,02
1,27 mm
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
• High SRF and excellent Q values
• Tight tolerances, many values at 1%
• 39 inductance values from 10 nH to 8.2 µH
Designer’s Kit C300 contains 10 each of all 5% tolerance values
Core material Ceramic
Environmental RoHS compliant, halogen free
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 29.6 – 37.4 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel; 7500 per 13″ reel. Plastic tape: 8 mm wide,
0.3 mm thick, 4 mm pocket spacing, 2.0 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 1008CS-392XFLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008CS-392XFLB COILCRAFT-1008CS-392XFLB Datasheet
213Kb / 2P
   Chip Inductors 1008CS Series
More results

Similar Description - 1008CS-392XFLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008CS-270XGLC COILCRAFT-1008CS-270XGLC Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-151XGLB COILCRAFT-1008CS-151XGLB Datasheet
213Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-621XJBC COILCRAFT-1008CS-621XJBC Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-331XJLB COILCRAFT-1008CS-331XJLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-911XFLC COILCRAFT-1008CS-911XFLC Datasheet
161Kb / 2P
   Chip Inductors - 1008CS Series (2520)
1008CS-102XGLB COILCRAFT-1008CS-102XGLB Datasheet
213Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-151XKLB COILCRAFT-1008CS-151XKLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series
1008CS-151XGLC COILCRAFT-1008CS-151XGLC Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series
1008CS-561XGLB COILCRAFT-1008CS-561XGLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series
1008CS-561XGLC COILCRAFT-1008CS-561XGLC Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com