Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5538BKAI-TRL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5538BKAI-TRL
Description  Dual Channel 300mA Regulator Reset IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5538BKAI-TRL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5538BKAI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL5538BKAI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL5538BKAI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL5538BKAI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL5538BKAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL5538BKAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5538BKAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5538BKAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5538BKAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jul., 2006
www.anpec.com.tw
4
APL5538
Electrical Characteristics (Cont.)
APL5538
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
REGLINE Line Regulation
VOUT+0.5V< VIN<6.0V, IOUT=10mA
4
6
mV
REGLOAD Load Regulation
VIN =5V, 0mA< IOUT < IMAX
515X
20
0.1
60
mV
%
VDROP
Dropout Voltage
(Note)
(VOUT(Nominal)=3.3V
Version)
IOUT =300mA
350
450
mV
PSRR Ripple Rejection
F
1kHz, 1Vpp at I
OUT=50mA
C
=10nf
45
50
dB
Over Temperature
Shutdown
150
°C
OTS
Over Temperature
Shutdown Hysteresis
Hysteresis
10
°C
TC
Output Voltage
Temperature
Coefficient
Ta= -20 ~ 80
°C
100
ppm/
°C
Output Capacitor
2.2
µF
COUT
ESR
0.01
1
Ohm
RESET / RESET
VDET=H
àL (APL5538A)
3.822
3.9
3.978
VS
Detection Voltage
VDET=H
àL (APL5538B)
4.116
4.2
4.284
V
∆VS/∆T
Vs Temperature
Coefficient
Ta = -20~+80°C
100
ppm/°C
∆VS
Hysteresis Voltage
VDET = H
àLàH
100
150
200
mV
VOL
Low-level Output
Voltage
VDET = 3.9V, RL = 4.7k
12
60
mV
IOH
Output Leakage
Current
VDET = 5V
0.5
1
µA
IOL1
Output Current1
VDET =3.9V, VRESET = 0.4V
25
30
mA
IOL2
Output Current2
VDET = 3.9V, VRESET = 0.4V
Ta = -20~+80
°C
20
25
mA
tPLH
“H” Transmission Delay
Time
Cd = 0µF
42
90
µs
tPLH1
Reset Delay Time
VDET = 3.7V
à5V, Cd = 0.1µF
8
13
18
ms
tPHL
“L” Transmission Delay
Time
Cd = 0µF
4
90
µs
VOPL
Threshold Operating
Voltage
VRESET = 0.4V
0.95
1.25
V
Unless otherwise noted these specifications apply over full temperature , VIN=5V, CIN=1
µF,COUT1=2.2µF,
COUT2=2.2
µF, CONT=VIN, TJ=0 to 125°C . Typical values refer to TJ=25°C .
Note : Dropout voltage definition : V
IN- VOUT when VOUT is 2% below the value of VOUT for VIN=5V


Similar Part No. - APL5538BKAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5535 ANPEC-APL5535 Datasheet
199Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL55357MQBI-TRG ANPEC-APL55357MQBI-TRG Datasheet
199Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL553599QBI-TRG ANPEC-APL553599QBI-TRG Datasheet
199Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL5535C5QBI-TRG ANPEC-APL5535C5QBI-TRG Datasheet
199Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL5535JCQBI-TRG ANPEC-APL5535JCQBI-TRG Datasheet
199Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
More results

Similar Description - APL5538BKAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3348 MITSUMI-MM3348 Datasheet
96Kb / 10P
   300mA Dual Voltage Regulator IC
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
logo
Mitsumi Electronics, Co...
MM3464 MITSUMI-MM3464 Datasheet
134Kb / 13P
   300mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com