Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5537MCQBI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5537MCQBI-TRG
Description  Dual Channel 300mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5537MCQBI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5537MCQBI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5537MCQBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5537MCQBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5537MCQBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5537MCQBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5537MCQBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5537MCQBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5537MCQBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5537MCQBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
www.anpec.com.tw
7
APL5537
Operating Waveforms (Cont.)
Refer to the typical application circuit. The test condition is V
IN=VEN=4.2V, TA= 25
oC. Unless otherwise specified.
Load Transient Response
CH1: I
OUT, 50mA/Div, DC
TIME:40
µs/Div
C
IN=COUT=1µF, VIN=VEN=4.2V
CH2: V
OUT1, 20mV/Div, DC, Offset=3.0V
CH3: V
OUT2, 20mV/Div, DC, Offset=1.8V
I
OUT=10mA to 100mA to 10mA (rise / fall time = 1 µs)
CH1: I
OUT, 100mA/Div, DC
TIME:40
µs/Div
C
IN=COUT=1µF, VIN=VEN=4.2V
CH2: V
OUT1, 50mV/Div, DC, Offset=3.0V
CH3: V
OUT2, 50mV/Div, DC, Offset=1.8V
I
OUT=10mA to 200mA to 10mA (rise / fall time = 1 µs)
Load Transient Response
Pin Description
PIN
NO.
TSOT-23-6A
TDFN1.6x1.6-6
NAME
FUNCTION
5
1
VIN
Input Supply Pin. VIN can range from 2.5V to 5.5V and should be bypassed with
at least a 1
µF capacitor.
4
2
EN1
3
3
EN2
Enable Input. Pulling the VEN1/2 above 1.5V enables the respective regulator
output; pulling VEN1/2 below 0.4V disables the respective regulator output.
2
4
GND
Ground.
1
5
VOUT2
6
6
VOUT1
Regulator Outputs. Sources up to 300mA. Bypass with at least a 1
µF capacitor
to the GND respectively.
-
-
EP
Exposed Pad. Connect it to a large ground plane for heatsinking.
1
2
3
I
OUT
V
OUT1
V
OUT2
1
2
3
I
OUT
V
OUT1
V
OUT2


Similar Part No. - APL5537MCQBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL5537WCTI-TRG ANPEC-APL5537WCTI-TRG Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537WQBI-TRG ANPEC-APL5537WQBI-TRG Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537_15 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
More results

Similar Description - APL5537MCQBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com