Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL560130DI-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL560130DI-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560130DI-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL560130DI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL560130DI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL560130DI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL560130DI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL560130DI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL560130DI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560130DI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560130DI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560130DI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
5
APL5601/5602
Typical Operating Characteristics
VIN to VOUT Dropout vs. Junction
Temperature
Junction Temperature, T
J (
o
C)
Power Supply Ripple Rejection
Frequency (Hz)
Quiescent Current vs. Input Voltage
Input Voltage, V
IN
(V)
-80
-70
-60
-50
-40
-30
-20
-10
0
1000
10000
100000
V
IN=3.3V, VOUT=1.8V, CIN=1µF, COUT=2.2µF,
I
OUT=500mA
Current-Limit vs. Junction Temperature
Junction Temperature, T
J (
o
C)
V
IN=5V, VOUT=3.3V, CIN=1µF, COUT=2.2µF, TA=25
OC, unless otherwise specified.
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
150
V
OUT=3.3V
I
OUT=600mA
I
OUT=400mA
I
OUT=200mA
VIN to VOUT Dropout vs. Junction
Temperature
0
40
80
120
160
200
0
1
2
3
4
5
6
I
OUT=0mA
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
I
OUT=600mA
I
OUT=400mA
I
OUT=200mA
V
OUT=5V
Junction Temperature, T
J (
o
C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
V
IN=3.3V
V
IN=5V


Similar Part No. - APL560130DI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BI-TRG ANPEC-APL560312BI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BTI-TRG ANPEC-APL560312BTI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312KI-TRG ANPEC-APL560312KI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312QAI-TRG ANPEC-APL560312QAI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560130DI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com