Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5308-33A Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5308-33A
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5308-33A Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5308-33A Datasheet HTML 2Page - Anpec Electronics Coropration APL5308-33A Datasheet HTML 3Page - Anpec Electronics Coropration APL5308-33A Datasheet HTML 4Page - Anpec Electronics Coropration APL5308-33A Datasheet HTML 5Page - Anpec Electronics Coropration APL5308-33A Datasheet HTML 6Page - Anpec Electronics Coropration APL5308-33A Datasheet HTML 7Page - Anpec Electronics Coropration APL5308-33A Datasheet HTML 8Page - Anpec Electronics Coropration APL5308-33A Datasheet HTML 9Page - Anpec Electronics Coropration APL5308-33A Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Dec., 2008
APL5308/9
www.anpec.com.tw
6
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
-40
-20
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
0
50
100
150
200
250
300
PSRR vs. Frequency
Frequency (HZ)
Output Current (mA)
Dropout Voltage vs. Output Current
Temperature (
°C)
Temperature (
°C)
Output Voltage vs. Temperature
Output Voltage vs. Temperature
APL5308/9-2.5
APL5308/9-1.8
V
OUT=1.9V
V
OUT=2.5V
V
OUT=3.3V
V
OUT=2.8V
APL5308/9-33
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
-40 -20
0
20
40
60
80 100 120 140
Typical Operating Characteristics (Cont.)
-80
+0
- 70
- 60
-50
-40
-30
-20
-10
20
200k
50 100 200 500 1 k 2 k 5 k 10k 20k 50k 100k
V
IN =5V
I
OUT =50mA


Similar Part No. - APL5308-33A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308-33A ANPEC-APL5308-33A Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-33AC ANPEC-APL5308-33AC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5308-33A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com