Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL55379MCTI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL55379MCTI-TRG
Description  Dual Channel 300mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL55379MCTI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL55379MCTI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL55379MCTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
www.anpec.com.tw
3
APL5537
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage (VIN to GND)
2.5 ~ 5.5
V
VEN1, VEN2
EN1, EN2 to GND Voltage
0 ~ 5.5
V
IOUT
VOUT Output Current
0 ~ 300
mA
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Note 3: Refer to the typical application circuit
Electrical Characteristics
APL5537
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
UNDER-VOLTAGE LOCKOUT (UVLO) AND SUPPLY CURRENT
VIN UVLO Threshold Voltage
VIN rising, TA= -40 to 85
oC
1.9
2.2
2.45
V
VIN UVLO Hysteresis
-
0.1
-
V
No load, VEN1= VEN2=5V
-
58
90
µA
IQ
VIN Supply Current
No load, VEN1= VEN2=0V
-
-
1
µA
OUTPUT VOLTAGE (REGULATOR1 AND REGULATOR2)
Output Voltage Accuracy
IOUT=1mA to 300mA, TA= -40
oC to 85 oC
-3.5
-
+3.5
%
Line Regulation
IOUT=1mA, VIN=VOUT+0.3V to 5.5V, or
VIN=2.5V to 5.5V
-
-
0.2
%/V
Load Regulation
IOUT=1mA to 300mA
-
-
0.6
%
VDROP
Dropout Voltage
(Note 4)
IOUT=300mA
-
240
330
mV
f=100Hz
-
70
-
f=1kHz
-
70
-
f=10kHz
-
60
-
PSRR
Power Supply Rejection Ratio
IOUT=50mA, COUT=2.2
µF
f=100kHz
-
35
-
dB
Output Noise
IOUT=1mA, BW=10 to 100kHz, COUT=10
µF
-
100
-
µV
RMS
VOUT Discharge Resistance
VEN1= VEN2=0V
-
0.7
-
k
ENABLE/DISABLE (EN1 AND EN2)
VIH
EN Input Logic HIGH
VIN=2.5V to 5.5V
1.5
-
-
V
VIL
EN Input Logic LOW
VIN=2.5V to 5.5V
-
-
0.4
V
EN Input Current
VEN1= VEN2=5V
-
0.2
-
µA
PROTECTIONS (REGULATOR1 AND REGULATOR2)
ILIMIT
Current Limit Threshold
330
450
750
mA
ISHORT
Short-Circuit Output Current
-
50
-
mA
Over-Temperature Threshold
-
160
-
°C
Over-Temperature Hysteresis
-
40
-
°C
Soft-Start Time
-
60
-
µs
Unless otherwise specified, these specifications apply over V
IN=VOUT+1V, VEN1= VEN2=5V and TA= -40 to 85
oC. Typical values are
at T
A=25
oC.
Note 4: The dropout voltage is defined as V
IN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 1V.


Similar Part No. - APL55379MCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL5537WCTI-TRG ANPEC-APL5537WCTI-TRG Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537WQBI-TRG ANPEC-APL5537WQBI-TRG Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537_15 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
More results

Similar Description - APL55379MCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com