Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5610CI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5610CI-TRG
Description  Low Dropout Linear Regulator Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5610CI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5610CI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5610CI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5610CI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5610CI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5610CI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5610CI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5610CI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5610CI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5610CI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - May., 2011
APL5610/A/B/C
www.anpec.com.tw
7
Operating Waveforms (Cont.)
The test condition T
A= 25
oC unless otherwise specified.
Load Transient Response-3
V
OUT
1
2
I
OUT
TIME:100
µs/Div
V
CC=5V, VIN =5V, VOUT=1.5V,
I
LOAD =0-0.2-0A(rising/falling edge=1A/µs ),
C
IN =22µF/MLCC, COUT =22µF/MLCC,
CH1: V
OUT, 20mV/Div, AC
CH2: I
OUT, 100mA/Div, DC
Short Circuit Response
(Short-Circuit after Power-up)
1
2
3
4
I
OUT
V
OUT
V
POK
V
DRV
CH1: I
OUT, 20A/Div, DC
TIME: 20
µs/Div
V
CC=5V, VIN =5V, VOUT =1.5V,
C
IN =22µF/MLCC,COUT =22µF/MLCC,
CH2: V
DRV, 2V/Div, DC
CH3: V
OUT (Short to GND after power-up),1V/Div, DC
CH4: V
POK, 5V/Div, DC
Short Circuit Response
(Short-Circuit before Power-up)
CH2: I
OUT, 20A/Div, DC
TIME: 20
µs/Div
V
CC=5V, VIN =5V, VOUT =1.5V,
C
IN =22µF/MLCC,COUT =22µF/MLCC,
CH1: V
CC, 2V/Div, DC
CH4: V
POK, 5V/Div, DC
CH3: V
OUT (Short to GND before power-up),1V/Div, DC
4
1
2
3
V
OCB
V
OUT
I
OUT
V
CC
V
OUT
V
POK
I
OUT
(APL5610A)


Similar Part No. - APL5610CI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5610CI-TRG ANPEC-APL5610CI-TRG Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
More results

Similar Description - APL5610CI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5611 ANPEC-APL5611 Datasheet
260Kb / 16P
   Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP102 ONSEMI-NCP102 Datasheet
106Kb / 9P
   Low Dropout Linear Regulator Controller
January, 2008 - Rev. 1
logo
Anpec Electronics Corop...
APL5610 ANPEC-APL5610 Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9046 RICHTEK-RT9046 Datasheet
200Kb / 11P
   Low-Dropout Linear Regulator Controller with PGOOD
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
RT9194 RICHTEK-RT9194 Datasheet
222Kb / 10P
   Low-Dropout Linear Regulator Controller with PGOOD Indication
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com