Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43P3616G-95I Datasheet(PDF) 5 Page - AMIC Technology

Part # A43P3616G-95I
Description  1M X 16 Bit X 4 Banks Synchronous DRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43P3616G-95I Datasheet(HTML) 5 Page - AMIC Technology

  A43P3616G-95I Datasheet HTML 1Page - AMIC Technology A43P3616G-95I Datasheet HTML 2Page - AMIC Technology A43P3616G-95I Datasheet HTML 3Page - AMIC Technology A43P3616G-95I Datasheet HTML 4Page - AMIC Technology A43P3616G-95I Datasheet HTML 5Page - AMIC Technology A43P3616G-95I Datasheet HTML 6Page - AMIC Technology A43P3616G-95I Datasheet HTML 7Page - AMIC Technology A43P3616G-95I Datasheet HTML 8Page - AMIC Technology A43P3616G-95I Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
A43L2616B
(December, 2009, Version 1.3)
4
AMIC Technology, Corp.
Absolute Maximum Ratings*
Voltage on any pin relative to VSS (Vin, Vout ) . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +4.6V
Voltage on VDD supply relative to VSS (VDD, VDDQ )
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-1.0V to +4.6V
Storage Temperature (TSTG) . . . . . . . . . . -55
°C to +150°C
Soldering Temperature X Time (TSOLDER) . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C X 10sec
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . .1W
Short Circuit Current (Ios) . . . . . . . . . . . . . . . . . . . . 50mA
*Comments
Permanent
device
damage
may
occur
if
“Absolute
Maximum Ratings” are exceeded.
Functional operation should be restricted to recommended
operating condition.
Exposure to higher than recommended voltage for extended
periods of time could affect device reliability.
Capacitance (TA=25
°C, f=1MHz)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Capacitance
CI1
A0 to A11, BA0, BA1
2.5
3.8
pF
CI2
CLK, CKE,
CS , RAS , CAS , WE ,
DQM
2.5
3.8
pF
Data Input/Output Capacitance
CI/O
DQ0 to DQ15
4
6.5
pF
DC Electrical Characteristics
Recommend operating conditions (Voltage referenced to VSS = 0V, TA = 0ºC to +70ºC or TA = -40ºC to +85ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VDD,VDDQ
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VDD+0.3
V
Input Low Voltage
VIL
-0.3
0
0.8
V
Note 1
Output High Voltage
VOH
2.4
-
-
V
IOH = -2mA
Output Low Voltage
VOL
-
-
0.4
V
IOL = 2mA
Input Leakage Current
IIL
-5
-
5
μA
Note 2
Output Leakage Current
IOL
-5
-
5
μA
Note 3
Output Loading Condition
See Figure 1
Note:
1. VIL (min) = -1.5V AC (pulse width
≤ 5ns).
2. Any input 0V
≤ VIN ≤ VDD + 0.3V, all other pins are not under test = 0V
3. Dout is disabled, 0V
≤ Vout ≤ VDD


Similar Part No. - A43P3616G-95I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43P26161 AMICC-A43P26161 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75 AMICC-A43P26161G-75 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75F AMICC-A43P26161G-75F Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75U AMICC-A43P26161G-75U Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75UF AMICC-A43P26161G-75UF Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
More results

Similar Description - A43P3616G-95I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com