Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5309-23A Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5309-23A
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5309-23A Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5309-23A Datasheet HTML 7Page - Anpec Electronics Coropration APL5309-23A Datasheet HTML 8Page - Anpec Electronics Coropration APL5309-23A Datasheet HTML 9Page - Anpec Electronics Coropration APL5309-23A Datasheet HTML 10Page - Anpec Electronics Coropration APL5309-23A Datasheet HTML 11Page - Anpec Electronics Coropration APL5309-23A Datasheet HTML 12Page - Anpec Electronics Coropration APL5309-23A Datasheet HTML 13Page - Anpec Electronics Coropration APL5309-23A Datasheet HTML 14Page - Anpec Electronics Coropration APL5309-23A Datasheet HTML 15Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Dec., 2008
APL5308/9
www.anpec.com.tw
11
Package Information
SOT-89
S
Y
M
B
O
MIN.
MAX.
MILLIMETERS
SOT-89
MIN.
MAX.
INCHES
A
C
e1
e
B
B1
D
D1
1.60
0.44
0.35
0.44
4.40
4.60
1.62
1.83
0.56
2.13
A
B
C
D
D1
E
E1
e
e1
B1
0.36
0.48
3.00 BSC
3.94
4.25
2.29
2.60
2.29
0.118 BSC
0.063
0.017
0.014
0.019
0.014
0.017
0.173
0.181
0.064
0.072
0.084
0.155
0.167
0.090
0.102
0.090
0.022
L
0.89
0.035
H
1.50 BSC
0.059 BSC
1.40
1.20
0.047
0.055
L
Note : Follow JEDEC TO-243 AA.


Similar Part No. - APL5309-23A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5309-23A ANPEC-APL5309-23A Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5309-23AC ANPEC-APL5309-23AC Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5309-23A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com