Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43E1632G-95I Datasheet(PDF) 10 Page - AMIC Technology

Part # A43E1632G-95I
Description  1M X 16 Bit X 4 Banks Synchronous DRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E1632G-95I Datasheet(HTML) 10 Page - AMIC Technology

Back Button A43E1632G-95I Datasheet HTML 6Page - AMIC Technology A43E1632G-95I Datasheet HTML 7Page - AMIC Technology A43E1632G-95I Datasheet HTML 8Page - AMIC Technology A43E1632G-95I Datasheet HTML 9Page - AMIC Technology A43E1632G-95I Datasheet HTML 10Page - AMIC Technology A43E1632G-95I Datasheet HTML 11Page - AMIC Technology A43E1632G-95I Datasheet HTML 12Page - AMIC Technology A43E1632G-95I Datasheet HTML 13Page - AMIC Technology A43E1632G-95I Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
A43L2616B
(December, 2009, Version 1.3)
9
AMIC Technology, Corp.
Mode Register Filed Table to Program Modes
Register Programmed with MRS
Address
BA0, BA1
A11, A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
RFU
RFU
W.B.L
TM
CAS Latency
BT
Burst Length
(Note 1)
(Note 2)
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
0
0
1
-
1
Interleave
0
0
1
2
2
1
0
0
1
0
2
0
1
0
4
4
1
1
Vendor
Use
Only
0
1
1
3
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
1
0
0
Reserved
Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
256(Full)
Reserved
Power Up Sequence
1. Apply power and start clock, Attempt to maintain CKE = “H”, DQM = “H” and the other pins are NOP condition at inputs.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200
μs.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
cf.) Sequence of 4 & 5 may be changed.
The device is now ready for normal operation.
Note :
1. RFU(Reserved for Future Use) should stay “0” during MRS cycle.
2. If A9 is high during MRS cycle, “Burst Read Single Bit Write” function will be enabled.


Similar Part No. - A43E1632G-95I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E16161 AMICC-A43E16161 Datasheet
1Mb / 46P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161 AMICC-A43E16161 Datasheet
563Kb / 48P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161V AMICC-A43E16161V Datasheet
1Mb / 46P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161V-75F AMICC-A43E16161V-75F Datasheet
1Mb / 46P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
A43E16161V-75UF AMICC-A43E16161V-75UF Datasheet
1Mb / 46P
   1M X 16 Bit X 2 Banks Low Power Synchronous DRAM
More results

Similar Description - A43E1632G-95I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com