Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43P2632G-95I Datasheet(PDF) 7 Page - AMIC Technology

Part # A43P2632G-95I
Description  1M X 16 Bit X 4 Banks Synchronous DRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43P2632G-95I Datasheet(HTML) 7 Page - AMIC Technology

Back Button A43P2632G-95I Datasheet HTML 3Page - AMIC Technology A43P2632G-95I Datasheet HTML 4Page - AMIC Technology A43P2632G-95I Datasheet HTML 5Page - AMIC Technology A43P2632G-95I Datasheet HTML 6Page - AMIC Technology A43P2632G-95I Datasheet HTML 7Page - AMIC Technology A43P2632G-95I Datasheet HTML 8Page - AMIC Technology A43P2632G-95I Datasheet HTML 9Page - AMIC Technology A43P2632G-95I Datasheet HTML 10Page - AMIC Technology A43P2632G-95I Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
A43L2616B
(December, 2009, Version 1.3)
6
AMIC Technology, Corp.
AC Operating Test Conditions
(VDD = 3.3V
±0.3V, TA = 0°C to +70°C or TA = -40ºC to +85ºC)
Parameter
Value
AC input levels
VIH/VIL = 2.4V/0.4V
Input timing measurement reference level
1.4V
Input rise and all time (See note3)
tr/tf = 1ns/1ns
Output timing measurement reference level
1.4V
Output load condition
See Fig.2
Output
870
Ω
1200
Ω
(Fig. 1) DC Output Load Circuit
ZO=50
Ω
OUTPUT
50
Ω
VTT =1.4V
50pF
(Fig. 2) AC Output Load Circuit
3.3V
50pF
VOH(DC) = 2.4V, IOH = -2mA
VOL(DC) = 0.4V, IOL = 2mA
AC Characteristics
(AC operating conditions unless otherwise noted)
-6
-7
Symbol
Parameter
CAS Latency
Min
Max
Min
Max
Unit
Note
3
6
7
tCC
CLK cycle time
2
10
1000
10
1000
ns
1
3
-
5
-
6
tSAC
CLK to valid Output delay
2
-
6
-
6
ns
1,2
3
2.5
3
tOH
Output data hold time
2
3
-
3
-
ns
2
tCH
CLK high pulse width
2.5
-
3
-
ns
3
tCL
CLK low pulse width
2.5
-
3
-
ns
3
tSS
Input setup time
1.5
-
2
-
ns
3
tSH
Input hold time
1
-
1
-
ns
3
tSLZ
CLK to output in Low-Z
1
-
1
-
ns
2
3
-
5
-
6
tSHZ
CLK to output In Hi-Z
2
-
6
-
6
ns
*All AC parameters are measured from half to half.
Note :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5) ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e.,
[(tr + tf)/2-1]ns should be added to the parameter.


Similar Part No. - A43P2632G-95I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43P26161 AMICC-A43P26161 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75 AMICC-A43P26161G-75 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75F AMICC-A43P26161G-75F Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75U AMICC-A43P26161G-75U Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161G-75UF AMICC-A43P26161G-75UF Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
More results

Similar Description - A43P2632G-95I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com