Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5885DC-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5885DC-TRG
Description  500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5885DC-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5885DC-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL5885DC-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL5885DC-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5885DC-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5885DC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5885DC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5885DC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5885DC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5885DC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
APL5885
www.anpec.com.tw
1
500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jan., 2009
Features
General Description
Pin Configuration
Applications
The APL5885 is a 3-pin low dropout linear regulator with
2.0% accuracy of output voltage over line, load and tem-
perature variations. Dropout voltage at 500mA output cur-
rent is less than 1.3V. Both output current limiting and
thermal shutdown are built in to provide maximal protec-
tion to the APL5885 against fault conditions. The over
current and thermal shutdown circuits become active when
the current exceeds 500mA, or the junction temperature
reaches 150
°C. Normal operation is recovered when junc-
tion temperature drops below 130
°C.
Low Dropout Voltage of 1.3V at 500mA
Output Voltage Accuracy ± 2.0%
Line Regulation - 3mV (typ.)
Load Regulation - 13mV (typ.)
Input Voltage Range up to 9V
Internal Current-Limit and Thermal Shutdown
Protections
Available Output Voltages -ADJ, 1.8V, 2.5V, 3.3V
Various SOT-89 Package Available
Lead Free and Green Devices Available
(RoHS Compliant)
Voltage Regulator for CD-ROM Drivers
Voltage Regulator for LAN Cards
Wireless Communication Systems
Portable Instrument
Portable Consumer Equipment
Low Voltage Systems
SOT-89 (Top View)
V
OUT
V
IN
GND
2
1
3


Similar Part No. - APL5885DC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TR ANPEC-APL5885-18DC-TR Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TRL ANPEC-APL5885-18DC-TRL Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TU ANPEC-APL5885-18DC-TU Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TUL ANPEC-APL5885-18DC-TUL Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
More results

Similar Description - APL5885DC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5883 ANPEC-APL5883 Datasheet
115Kb / 11P
   300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1087C ETC-L1087C Datasheet
60Kb / 6P
   0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
KEC(Korea Electronics)
KIA78DS05BP KEC-KIA78DS05BP Datasheet
72Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (LOWDROPOUT VOLTAGE REGULATOR)
logo
Monolithic Power System...
MP8904 MPS-MP8904 Datasheet
300Kb / 10P
   500mA Linear Regulator
logo
Nuvoton Technology Corp...
NCT3705U NUVOTON-NCT3705U Datasheet
376Kb / 23P
   500mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com