Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7000QAI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7000QAI-TRG
Description  1X/1.5X/2x Charge Pump White LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7000QAI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7000QAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7000QAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7000QAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7000QAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7000QAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7000QAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7000QAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7000QAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7000QAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Feb., 2009
APW7000
www.anpec.com.tw
3
Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
2.8 to 4.5
V
VOUT
Output Voltage
3 to 4
V
ILED
LED Current
5 to 30
mA
Output Current, VIN>3.5V, VF=3.1V, 1x mode
180
Output Current, 3.5V<VIN>3.1V, VF=3.1V, 1.5x mode
120
IOUT
Output Current, 3.1V<VIN>2.8V, VF=3.1V, 2x mode
90
mA
TA
Ambient Temperature
-40 to 85
°C
Electrical Characteristics
APW7000
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.7
-
5.5
V
VUVLO
Under-voltage Lockout Threshold
VIN falling
2.2
2.4
2.6
V
Under-voltage Lockout Hysteresis
-
50
-
mV
In 1.5x/2x mode
-
2
4
mA
No switching in 1x mode
-
0.5
1
mA
IQ
Quiescent Current
EN=0
-
0.1
2
µA
ILED-ERR
LED Current Accuracy
5mA<ILED<30mA
(Note 3)
-
±2
±8
%
Current Matching
5mA<ILED<30mA
(Note 4)
-
±1.5
±5
%
IISET
ISET Current
5
-
1000
µA
ISET to LED Current Ratio
IILED / (1.2V / REST) 5mA<ILED<30mA,
TA = +25
°C
370
400
420
VILED-TH
ILED Threshold Voltage
VILED falling
-
100
-
mV
1.5x mode to 1x mode Transition
Hysteresis
VIN rising, VIN-VOUT
-
300
-
mV
2x mode to 1.5x mode Transition
Hysteresis
VIN rising, VOUT-VIN
-
300
-
mV
FOSC
Switching Frequency
0.8
1
1.2
MHz
1x mode (VIN-VOUT) / IOUT
-
1.6
3
1.5x mode (1.5xVIN-VOUT) / IOUT
-
7
12
ROUT
Open Loop VOUT Resistance
2x mode (2xVIN-VOUT) / IOUT
-
16
28
ISHORT
Short Circuit Current Limit
VOUT < 1V
-
40
-
mA
VOVP
OVP Threshold
5
5.5
6
VIH
Logic Pins High Threshold
1.3
0.7
-
V
VIL
Logic Pins Low Threshold
-
0.6
0.3
V
IIH
Logic Pins High Current
VIH = VIN
-
-
1
µA
IIL
Logic Pins Low Current
VIL = GND
-
-
1
µA
Thermal Shutdown
-
150
-
°C
Thermal Shutdown Hysteresis
-
20
-
°C
V
IN = 2.85 to 5.5V, CIN = COUT = C1 = C2 = 1µF (ESR = 0.03Ω), ILED = 20mA, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at T
A = +25°C.
Note 3: LED current accuracy is defined as:
± (I
LED-MEASURED - ILED-SET) / ILED-SET
Note 4: LED current matching is defined as:
± (I
LED-MAX - ILED-MIN) / (ILED-MAX + ILED-MIN)


Similar Part No. - APW7000QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7001 ANPEC-APW7001 Datasheet
311Kb / 19P
   1X/1.5X/2X Charge Pump White LED Driver for Main and Sub-Displays
APW7001QAI-TRG ANPEC-APW7001QAI-TRG Datasheet
311Kb / 19P
   1X/1.5X/2X Charge Pump White LED Driver for Main and Sub-Displays
APW7004 ANPEC-APW7004 Datasheet
100Kb / 10P
   Synchronous-Rectifier PWM Controller for Pentium II Microprocessor
APW7004KC-TR ANPEC-APW7004KC-TR Datasheet
100Kb / 10P
   Synchronous-Rectifier PWM Controller for Pentium II Microprocessor
APW7004KC-TU ANPEC-APW7004KC-TU Datasheet
100Kb / 10P
   Synchronous-Rectifier PWM Controller for Pentium II Microprocessor
More results

Similar Description - APW7000QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
   120mA 1x/1.5x/2x Charge Pump for White LED
logo
Monolithic Power System...
MP3021 MPS-MP3021 Datasheet
354Kb / 10P
   1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
   1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
   1x/1.5x/2x Charge Pump for White LED Application
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com