Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL560133VH-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL560133VH-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560133VH-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL560133VH-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL560133VH-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL560133VH-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL560133VH-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL560133VH-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL560133VH-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560133VH-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560133VH-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560133VH-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
4
APL5601/5602
Refer to the typical app lication circuit. VIN = VOUT+1V or (Minimum VIN=2.9V), IOUT = 1mA, TA = -40 to 125
°C, unless otherwise
specified. Typical values are at TA = 25
°C.
AP L5601/APL5602
S ymbol
Parameter
Te st Conditions
Min.
Typ.
Max.
Unit
SUPP LY CURRENT
IQ
Q uiescent Current
VIN=5V , IOUT=0mA
-
140
300
µA
UNDER-VOLTAGE-LOCKOUT
V IN UVLO Th reshold
VIN r ising
2.1
2.5
2.9
V
V IN UVLO Hysteresis
-
0.1 5
-
V
OUTPUT VOLTAGE
T
A = 25°C
-1
-
+1
VOUT
O utput Voltage
TA = -40 to 125
°C
-3
-
+3
% VOUT
L ine Regulation
VIN = V OUT + 1V to 6V
-
0.03
0.3
% /V
Load Regulation
IOUT = 1mA to 600mA
-
0.6
2
% /A
VOUT=2.8V, IOUT=600mA
-
240
550
VOUT=3.3V, IOUT=600mA
-
220
500
V DROP
Dropout Voltage
VOUT=5V, IOUT=600mA
-
200
470
mV
SOFT-S TART AND PROTECTIO N
ILIM
O utput Current Limit
700
-
-
mA
S hort Circuit Current L imit
VOUT
< 0.6V
-
250
-
mA
TSS
S oft-Sta rt Time
-
130
400
µs
Electrical Characteristics(Cont.)
Refer to the typical app lication circu it. VIN = VOUT+1V or (Minimum VIN=2.9V) , IOUT = 1mA, TA = -40 to 85
°C, unless otherwise
specified. Typical values are at TA = 25
°C.
APL56 01/AP L5 602
S ymbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUT VOLTAGE (Cont.)
PSRR
Power Supply Ripple Reje ction
V IN = VOUT + 2V, f = 1kHz
-
55
-
dB
SOFT-S TART AND PROTECTIO N
ILIM
Output Cu rrent Limit
700
-
-
mA
Thermal Shutdown Temperature
-
150
-
°C
Thermal Shutdown Hysteresis
-
40
-
°C
Shor t Circu it Curren t Limit
V
OUT < 0 .6V
-
250
-
mA
TSS
Soft-Start Time
-
130
300
µs


Similar Part No. - APL560133VH-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BI-TRG ANPEC-APL560312BI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BTI-TRG ANPEC-APL560312BTI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312KI-TRG ANPEC-APL560312KI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312QAI-TRG ANPEC-APL560312QAI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560133VH-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com