Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC821APW Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 74LVC821APW
Description  10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC821APW Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 74LVC821APW Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 9Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 10Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 11Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 12Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 13Page - List of Unclassifed Manufacturers 74LVC821APW Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
9397 750 13276
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2004
10 of 20
Philips Semiconductors
74LVC821A
10-bit D-type flip-flop with 5 V tolerant inputs/outputs
[1]
All typical values are measured Tamb =25 °C.
[2]
These typical values are measured at VCC = 3.3 V.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ (CL × VCC2 × fo) = sum of the outputs.
[5]
The condition is VI = GND to VCC.
Tamb = −40 °C to +125 °C
tPHL, tPLH propagation delay CP to Qn
see Figure 7
VCC = 1.2 V
-
-
-
ns
VCC = 2.7 V
1.5
-
11.0
ns
VCC = 3.0 V to 3.6 V
1.5
-
9.5
ns
tPZH, tPZL 3-state output enable time OE to Qn
see Figure 9
VCC = 1.2 V
-
-
-
ns
VCC = 2.7 V
1.5
-
11.0
ns
VCC = 3.0 V to 3.6 V
1.3
-
9.5
ns
tPHZ, tPLZ 3-state output disable time OE to Qn
see Figure 9
VCC = 1.2 V
-
-
-
ns
VCC = 2.7 V
1.5
-
8.5
ns
VCC = 3.0 V to 3.6 V
1.5
-
8.0
ns
tW
clock pulse width HIGH or LOW
see Figure 7
VCC = 1.2 V
-
-
-
ns
VCC = 2.7 V
3.3
-
-
ns
VCC = 3.0 V to 3.6 V
3.3
-
-
ns
tsu
set-up time Dn to CP
see Figure 8
VCC = 1.2 V
-
-
-
ns
VCC = 2.7 V
0.9
-
-
ns
VCC = 3.0 V to 3.6 V
1.9
-
-
ns
th
hold time Dn to CP
see Figure 8
VCC = 1.2 V
-
-
-
ns
VCC = 2.7 V
1.5
-
-
ns
VCC = 3.0 V to 3.6 V
1.5
-
-
ns
fmax
maximum clock frequency
see Figure 7
VCC = 1.2 V
-
-
-
MHz
VCC = 2.7 V
150
-
-
MHz
VCC = 3.0 V to 3.6 V
150
-
-
MHz
tsk(0)
skew
VCC = 3.0 V to 3.6 V
[3] -
-
1.0
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF; RL = 500 Ω; for test circuit see Figure 10
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74LVC821APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC821APW PHILIPS-74LVC821APW Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
74LVC821APW NXP-74LVC821APW Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
More results

Similar Description - 74LVC821APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
Nexperia B.V. All right...
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
logo
NXP Semiconductors
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC823A PHILIPS-74LVC823A Datasheet
106Kb / 12P
   9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 24
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com