Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5320-30S5 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5320-30S5
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320-30S5 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5320-30S5 Datasheet HTML 1Page - Anpec Electronics Coropration APL5320-30S5 Datasheet HTML 2Page - Anpec Electronics Coropration APL5320-30S5 Datasheet HTML 3Page - Anpec Electronics Coropration APL5320-30S5 Datasheet HTML 4Page - Anpec Electronics Coropration APL5320-30S5 Datasheet HTML 5Page - Anpec Electronics Coropration APL5320-30S5 Datasheet HTML 6Page - Anpec Electronics Coropration APL5320-30S5 Datasheet HTML 7Page - Anpec Electronics Coropration APL5320-30S5 Datasheet HTML 8Page - Anpec Electronics Coropration APL5320-30S5 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
3
Ordering and Marking Information (Cont.)
TDFN1.6x1.6-6
Product Name
Marking
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5320-12QB
205
X
APL5320-13QB
207
X
APL5320-14QB
208
X
APL5320-15QB
209
X
APL5320-16QB
20A
X
APL5320-17QB
20B
X
APL5320-18QB
20C
X
APL5320-19QB
20D
X
APL5320-20QB
20E
X
APL5320-21QB
20F
X
APL5320-22QB
20G
X
APL5320-23QB
20H
X
APL5320-24QB
20I
X
APL5320-25QB
20J
X
APL5320-26QB
20K
X
APL5320-27QB
20L
X
APL5320-28QB
20M
X
APL5320-29QB
20N
X
APL5320-30QB
20O
X
APL5320-31QB
20P
X
APL5320-32QB
20Q
X
APL5320-33QB
20R
X
APL5320-34QB
20S
X
APL5320-35QB
20T
X
APL5320-36QB
20g
X
APL5320-285QB
20d
X
APL5320-37QB
206
X
APL5320-475QB
204
X
Note: X - Code.
SC-70-5
Product Name
Marking
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5320-12S5
205
AP5320-13S5
207
APL5320-14S5
208
APL5320-15S5
209
APL5320-16S5
20A
APL5320-17S5
20B
APL5320-18S5
20C
APL5320-19S5
20D
APL5320-20S5
20E
APL5320-21S5
20F
APL5320-22S5
20G
APL5320-23S5
20H
APL5320-24S5
20I
APL5320-25S5
20J
APL5320-26S5
20K
APL5320-27S5
20L
APL5320-28S5
20M
APL5320-29S5
20N
APL5320-30S5
20O
APL5320-31S5
20P
APL5320-32S5
20Q
APL5320-33S5
20R
APL5320-34S5
20S
APL5320-35S5
20T
APL5320-36S5
20g
APL5320-285S5
20d
APL5320-37S5
206
APL5320-475S5
204
VTDFN1.2x1.6-4
Product Name
Marking
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5320-12QF
05
X
APL5320-13QF
07
X
APL5320-14QF
08
X
APL5320-15QF
09
X
APL5320-16QF
0A
X
APL5320-17QF
0B
X
APL5320-18QF
0C
X
APL5320-19QF
0D
X
APL5320-20QF
0E
X
APL5320-21QF
0F
X
APL5320-22QF
0G
X
APL5320-23QF
0H
X
APL5320-24QF
0I
X
APL5320-25QF
0J
X
APL5320-26QF
0K
X
APL5320-27QF
0L
X
APL5320-28QF
0M
X
APL5320-29QF
0N
X
APL5320-30QF
0O
X
APL5320-31QF
0P
X
APL5320-32QF
0Q
X
APL5320-33QF
0R
X
APL5320-34QF
0S
X
APL5320-35QF
0T
X
APL5320-36QF
0g
X
APL5320-285QF
0d
X
APL5320-37QF
06
X
APL5320-475QF
04
X
Note : X - Code.


Similar Part No. - APL5320-30S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5320-30S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com