Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5320-31S5 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5320-31S5
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320-31S5 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5320-31S5 Datasheet HTML 4Page - Anpec Electronics Coropration APL5320-31S5 Datasheet HTML 5Page - Anpec Electronics Coropration APL5320-31S5 Datasheet HTML 6Page - Anpec Electronics Coropration APL5320-31S5 Datasheet HTML 7Page - Anpec Electronics Coropration APL5320-31S5 Datasheet HTML 8Page - Anpec Electronics Coropration APL5320-31S5 Datasheet HTML 9Page - Anpec Electronics Coropration APL5320-31S5 Datasheet HTML 10Page - Anpec Electronics Coropration APL5320-31S5 Datasheet HTML 11Page - Anpec Electronics Coropration APL5320-31S5 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
8
Operating Waveforms
The test condition is V
IN=4.2V, TA= 25
oC unless otherwise specified.
Load Transient Response
CH1: V
OUT, 50mV/Div, DC, Offset=1.2V
TIME: 20
µs/Div
V
IN =4.2V, VOUT=1.2V, CIN =COUT =1µF,
I
OUT =10mA to 300mA to 10mA (Rise/Fall time=1µs)
CH2: I
OUT, 200mA/Div, DC
Load Transient Response
V
OUT
1
I
OUT
2
CH1: V
OUT, 50mV/Div, DC, Offset=1.2V
TIME: 20
µs/Div
V
IN =4.2V, VOUT=1.2V, CIN =COUT =1µF,
I
OUT =10mA to 150mA to 10mA (Rise/Fall time=1µs)
CH2: I
OUT, 100mA/Div, DC
Load Transient Response
I
OUT
1
2
V
OUT
1
2
I
OUT
V
OUT
CH1: V
OUT, 20mV/Div, DC, Offset=1.2V
TIME: 20
µs/Div
V
IN =4.2V, VOUT=1.2V, CIN =COUT =1µF,
I
OUT =10mA to 50mA to 10mA (Rise/Fall time=1µs)
CH2: I
OUT, 50mA/Div, DC
Line Transient Response
1
2
V
IN
V
OUT
CH1: V
IN, 500mV/Div, DC, Offset=3.8V
TIME: 20
µs/Div
V
IN =3.8V to 4.8V to 3.8V (Rise/Fall time=4µs),
V
OUT=1.2V, CIN =COUT =1µF, IOUT =100mA
CH2: V
OUT, 20mV/Div, DC, Offset=1.2V


Similar Part No. - APL5320-31S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5320-31S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com