Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZT6714 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NZT6714
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT6714 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NZT6714 Datasheet HTML 1Page - Fairchild Semiconductor NZT6714 Datasheet HTML 2Page - Fairchild Semiconductor NZT6714 Datasheet HTML 3Page - Fairchild Semiconductor NZT6714 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TN6714A
NPN General Purpose Amplifier
This device is designed for general purpose medium power
amplifiers and switches requiring collector currents to 1.5 A.
Sourced from Process 37.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
2.0
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
NZT6714
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
TN6714A
*NZT6714
PD
Total Device Dissipation
Derate above 25
°C
1.0
8.0
1.0
8.0
W
mW/
°C
RθJC
Thermal Resistance, Junction to Case
50
°C/W
RθJA
Thermal Resistance, Junction to Ambient
125
125
°C/W
B
C
C
SOT-223
E
TO-226
C
B
E
*Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
Discrete POWER & Signal
Technologies
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - NZT6714

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NZT6714 FAIRCHILD-NZT6714 Datasheet
610Kb / 12P
   NPN General Purpose Amplifier
More results

Similar Description - NZT6714

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com