Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-072L-000E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-072L-000E
Description  ACPL-772L and ACPL-072L 3.3V/5V High Speed CMOS Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-072L-000E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-072L-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-072L-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-072L-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-072L-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-072L-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-072L-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-072L-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-072L-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-072L-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Table 1. IEC/EN/DIN EN 60747-5-2 Insulation Characteristics*
Description
Symbol
ACPL-772L
Option 060
ACPL-072L
Option 060 Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage 150 Vrms
for rated mains voltage 300 Vrms
for rated mains voltage 450 Vrms
I – IV
I – IV
I – III
I – IV
I – III
Climatic Classification
55/105/21
55/105/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
630
560
Vpeak
Input to Output Test Voltage, Method b**
VIORM x 1.875=VPR, 100% Production Test with tm=1 sec,
Partial discharge < 5 pC
VPR
1181
1050
Vpeak
Input to Output Test Voltage, Method a**
VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec, Partial discharge < 5 pC
VPR
945
840
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 10 sec)
VIOTM
6000
4000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure,
also see Figure 2.
Case Temperature
Input Current
Output Power
TS
IS, INPUT
PS, OUTPUT
175
230
600
150
150
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RIO
>109
>109
W
* Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.
Surface mount classification is class A in accordance with CECCOO802.
** Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section IEC/EN/
DIN EN 60747-5-2, for a detailed description of Method a and Method b partial discharge test profiles.
Note: These optocouplers are suitable for “safe electrical isolation” only within the safety limit data. Maintenance of the safety data shall be ensured
by means of protective circuits.
Note: The surface mount classification is Class A in accordance with CECC 00802.
Table 2. Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
ACPL-
772L
ACPL-072L
Minimum External
Air Gap (Clearance)
L(101)
7.1
4.9
mm
Measured from input terminals to output termi-
nals, shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
7.4
4.8
mm
Measured from input terminals to output termi-
nals, shortest distance path along body.
Minimum Internal Plastic
Gap (Internal Clearance)
0.08
0.08
mm
Through insulation distance conductor to con-
ductor, usually the straight line distance thickness
between the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
All Avago Technologies data sheets report the creepage and clearance inherent to the optocoupler component itself. These dimensions are needed as
a starting point for the equipment designer when determining the circuit insulation requirements. However, once mounted on a printed circuit board,
minimum creepage and clearance requirements must be met as specified for individual equipment standards. For creepage, the shortest distance
path along the surface of a printed circuit board between the solder fillets of the input and output leads must be considered.
There are recommended techniques such as grooves and ribs which may be used on a printed circuit board to achieve desired creepage and clearances.
Creepage and clearance distances will also change depending on factors such as pollution degree and insulation level.


Similar Part No. - ACPL-072L-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
More results

Similar Description - ACPL-072L-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W314-500E AVAGO-ACPL-W314-500E Datasheet
202Kb / 14P
   ACPL-P314 and ACPL-W314 0.6 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
ACPL-P456-560E AVAGO-ACPL-P456-560E Datasheet
328Kb / 12P
   ACPL-P456 and ACPL-W456 Intelligent Power Module and Gate Drive Interface Optocouplers
ACPL-214-500E AVAGO-ACPL-214-500E Datasheet
165Kb / 7P
   ACPL-214 AC Input, Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-077L BOARDCOM-ACPL-077L Datasheet
649Kb / 10P
   Low-Power 3.3V/5V High-Speed CMOS Optocoupler Design for System-Level Reliability
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
   High Speed CMOS Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
   High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
   High Speed CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com