Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ201-Y Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ201-Y
Description  High-Power Amplifier Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ201-Y Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ201-Y Datasheet HTML 1Page - Toshiba Semiconductor 2SJ201-Y Datasheet HTML 2Page - Toshiba Semiconductor 2SJ201-Y Datasheet HTML 3Page - Toshiba Semiconductor 2SJ201-Y Datasheet HTML 4Page - Toshiba Semiconductor 2SJ201-Y Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SJ201
2009-12-10
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain cut−off current
IDSS
VDS = −200 V, VGS = 0
−1.0
mA
Gate leakage current
IGSS
VDS = 0, VGS = ±20 V
±0.5
μA
Drain−source breakdown voltage
V (BR) DSS
ID = −10 mA, VGS = 0
−200
V
Gate−source cut−off voltage
(Note 2)
VGS (OFF)
VDS = −10 V, ID = −0.1 A
−0.8
−2.8
V
Drain−source saturation voltage
VDS (ON)
ID = −8 A, VGS = −10 V
−2.0
−5.0
V
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −5 A
5.0
S
Input capacitance
Ciss
VDS = −30 V, VGS = 0, f = 1 MHz
1500
Output capacitance
Coss
VDS = −30 V, VGS = 0, f = 1 MHz
400
Reverse transfer capacitance
Crss
VDS = −30 V, VGS = 0, f = 1 MHz
230
pF
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VGS (OFF) Classification
O: −0.8 to −1.6, Y: −1.4 to −2.8
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Marking
Note 3: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
2SJ201
TOSHIBA
JAPAN
Lot No.
Note 3
Part No. (or abbreviation code)


Similar Part No. - 2SJ201-Y

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ201 TOSHIBA-2SJ201 Datasheet
182Kb / 3P
   P CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATIONS)
2SJ201 TOSHIBA-2SJ201 Datasheet
448Kb / 5P
   High-Power Amplifier Application
2SJ201 TOSHIBA-2SJ201 Datasheet
275Kb / 5P
   High-Power Amplifier Application
2SJ201 TOSHIBA-2SJ201 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ201 TOSHIBA-2SJ201_07 Datasheet
448Kb / 5P
   High-Power Amplifier Application
More results

Similar Description - 2SJ201-Y

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3497 TOSHIBA-2SK3497_09 Datasheet
157Kb / 5P
   High Power Amplifier Application
2SK1530Y TOSHIBA-2SK1530Y Datasheet
372Kb / 4P
   High-Power Amplifier Application
2SJ200 TOSHIBA-2SJ200_07 Datasheet
426Kb / 5P
   High Power Amplifier Application
2SK3497 TOSHIBA-2SK3497 Datasheet
149Kb / 3P
   High Power Amplifier Application
2SK1530 TOSHIBA-2SK1530_09 Datasheet
388Kb / 4P
   High-Power Amplifier Application
2SK1530O TOSHIBA-2SK1530O Datasheet
372Kb / 4P
   High-Power Amplifier Application
logo
Unisonic Technologies
2SD718 UTC-2SD718 Datasheet
108Kb / 3P
   HIGH POWER AMPLIFIER APPLICATION
logo
Toshiba Semiconductor
2SK1530-Y TOSHIBA-2SK1530-Y Datasheet
372Kb / 4P
   High-Power Amplifier Application
2SK1530-YF TOSHIBA-2SK1530-YF Datasheet
372Kb / 4P
   High-Power Amplifier Application
2SK1529 TOSHIBA-2SK1529_09 Datasheet
274Kb / 4P
   High-Power Amplifier Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com