Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR1001-G Datasheet(PDF) 2 Page - Comchip Technology

Part # BR1001-G
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BR1001-G Datasheet(HTML) 2 Page - Comchip Technology

  BR1001-G Datasheet HTML 1Page - Comchip Technology BR1001-G Datasheet HTML 2Page - Comchip Technology BR1001-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
Rating and Characteristics Curves (
Series)
BR10005-G Thru. BR5010-G
QW-BBR78
Comchip Technology CO., LTD.
Fig.4 Typical Reverse Characteristics
-
0
40
80
100
140
0.01
Percent of Rated Peak Reverse Voltage, (V)
0.1
1.0
10.0
120
60
20
Number Of Cycles At 60 HZ
Fig.3
Maximum Forward Surge Current
-
1
10
100
100
150
Temperature,(°C)
0
10
20
40
30
50
50
Fig.2 Typical Forward Characteristics
-
Instantaneous Forward Voltage, (V)
1.0
10
100
0.1
0.01
0.6
1.2
1.4
1.6
0.8
1.0
BR10
BR15
BR25
BR35/50
Silicon Bridge Rectifiers
BR35
BR25
BR15
Fig.1 - Derating Curve Output
Rectified Current
0
100
200
300
400
600
500
BR50
BR10
BR50
BR10
BR25/35
BR15
REV: A


Similar Part No. - BR1001-G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BR1001 EIC-BR1001 Datasheet
40Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR1001 NJSEMI-BR1001 Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
BR1001 BILIN-BR1001 Datasheet
82Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
BR1001 HY-BR1001 Datasheet
401Kb / 3P
   Silicon Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
BR1001 BILIN-BR1001 Datasheet
80Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - BR1001-G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com