Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZB100 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMZB100
Description  Communication, Control and Measurement Equipment Constant Voltage Regulation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZB100 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMZB100 Datasheet HTML 1Page - Toshiba Semiconductor CMZB100 Datasheet HTML 2Page - Toshiba Semiconductor CMZB100 Datasheet HTML 3Page - Toshiba Semiconductor CMZB100 Datasheet HTML 4Page - Toshiba Semiconductor CMZB100 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMZB68~CMZB390
2011-06-20
3
Handling Precaution
1) The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded,even
for a moment. Do not exceed any of these ratings. The following are the general derating methods that we
recommend when you design a circuit with a device.
P:
We recommend that the worst case power dissipation be no greater than 50% of the
absolute maximum rating of power dissipation. Carry out adequate heat design.
PRSM:
We recommend that a device be used within the recommended area in the figure,
PRSM-tw.
Tj:
Derate this rating when using a device in order to ensure high reliability.
We recommend that the device be used at Tj of below 120°C.
2) Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition.
When using a device, design a circuit board and a land pattern to match the appropriate thermal resistance
value.
3) Please refer to the Rectifiers databook for further information.


Similar Part No. - CMZB100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMZB100 TOSHIBA-CMZB100 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB100 TOSHIBA-CMZB100 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
More results

Similar Description - CMZB100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMZB82 TOSHIBA-CMZB82 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
logo
Shenzhen Taychipst Elec...
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com