Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CNY17F-2
Description  Optocoupler, Phototransistor Output, no Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-2 Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY17F-2 Datasheet HTML 1Page - Vishay Siliconix CNY17F-2 Datasheet HTML 2Page - Vishay Siliconix CNY17F-2 Datasheet HTML 3Page - Vishay Siliconix CNY17F-2 Datasheet HTML 4Page - Vishay Siliconix CNY17F-2 Datasheet HTML 5Page - Vishay Siliconix CNY17F-2 Datasheet HTML 6Page - Vishay Siliconix CNY17F-2 Datasheet HTML 7Page - Vishay Siliconix CNY17F-2 Datasheet HTML 8Page - Vishay Siliconix CNY17F-2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CNY17F
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 02-Jul-13
5
Document Number: 83607
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Collector Current vs. Collector Emitter Voltage (sat)
Fig. 7 - Leakage Current vs. Ambient Temperature
Fig. 8 - Normalized CTR (NS) vs. Ambient Temperature
Fig. 9 - Normalized CTR (sat) vs. Ambient Temperature
Fig. 10 - Normalized CTR (NS) vs. Forward Current
Fig. 11 - Normalized CTR (sat) vs. Forward Current
0
10
15
20
25
00.4
V
CE - Collector Emitter Voltage (sat) (V)
5
0.3
0.2
0.1
I
F = 10 mA
I
F = 25 mA
I
F = 5 mA
I
F = 2 mA
I
F = 1 mA
0.001
0.01
0.1
10
1
100
1000
10 000
- 60
100
T
amb - Ambient Temperature (°C)
V
CE = 40 V
- 40
80
60
40
20
0
- 20
I
F = 0 mA
V
CE = 12 V
V
CE = 24 V
0
0.2
0.6
0.4
0.8
1.0
1.2
- 60
100
T
amb - Ambient Temperature (°C)
- 40
80
60
40
20
0
- 20
I
F = 5 mA
I
F = 10 mA
I
F = 1 mA
V
CE = 5 V
0
0.2
0.6
0.4
0.8
1.0
1.2
- 60
100
T
amb - Ambient Temperature (°C)
- 40
80
60
40
20
0
- 20
I
F = 5 mA
I
F = 10 mA
I
F = 1 mA
V
CE = 0.4 V
0
0.2
0.6
0.4
0.8
1.0
1.2
0.1
100
I
F - Forward Current (mA)
110
T
amb = - 55 °C
T
amb = - 40 °C
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 100 °C
V
CE = 5 V
0
0.2
0.6
0.4
0.8
1.0
1.2
0.1
100
I
F - Forward Current (mA)
110
T
amb = - 55 °C
T
amb = - 40 °C
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 100 °C
V
CE = 0.4 V


Similar Part No. - CNY17F-2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-2 QT-CNY17F-2 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
List of Unclassifed Man...
CNY17F-2 ETC1-CNY17F-2 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17F-2 FAIRCHILD-CNY17F-2 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
CT Micro International ...
CNY17F-2 CTMICRO-CNY17F-2 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
CNY17F-2 FAIRCHILD-CNY17F-2 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results

Similar Description - CNY17F-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com