Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-4X009T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY17F-4X009T
Description  Optocoupler, Phototransistor Output, no Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-4X009T Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY17F-4X009T Datasheet HTML 1Page - Vishay Siliconix CNY17F-4X009T Datasheet HTML 2Page - Vishay Siliconix CNY17F-4X009T Datasheet HTML 3Page - Vishay Siliconix CNY17F-4X009T Datasheet HTML 4Page - Vishay Siliconix CNY17F-4X009T Datasheet HTML 5Page - Vishay Siliconix CNY17F-4X009T Datasheet HTML 6Page - Vishay Siliconix CNY17F-4X009T Datasheet HTML 7Page - Vishay Siliconix CNY17F-4X009T Datasheet HTML 8Page - Vishay Siliconix CNY17F-4X009T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CNY17F
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 02-Jul-13
3
Document Number: 83607
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Current transfer ratio IC/IF at VCE = 5 V, 25 °C and collector emitter leakage current by dash number.
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA
CNY17F-1
CTR
40
80
%
CNY17F-2
CTR
63
125
%
CNY17F-3
CTR
100
200
%
CNY17F-4
CTR
160
320
%
IF = 1 mA
CNY17F-1
CTR
13
30
%
CNY17F-2
CTR
22
45
%
CNY17F-3
CTR
34
70
%
CNY17F-4
CTR
56
90
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
LINEAR OPERATION (without saturation)
Turn-on time
IF = 10 mA, VCC = 5 V,
RL = 75 
ton
3μs
Rise time
IF = 10 mA, VCC = 5 V,
RL = 75 
tr
2μs
Turn-off time
IF = 10 mA, VCC = 5 V,
RL = 75 
toff
2.3
μs
Fall time
IF = 10 mA, VCC = 5 V,
RL = 75 
tf
2μs
Cut-off frequency
IF = 10 mA, VCC = 5 V,
RL = 75 
fCO
110
kHz
SWITCHING OPERATION (with saturation)
Turn-on time
IF = 20 mA
CNY17F-1
ton
3μs
IF = 10 mA
CNY17F-2
ton
4.2
μs
CNY17F-3
ton
4.2
μs
IF = 5 mA
CNY17F-4
ton
6μs
Rise time
IF = 20 mA
CNY17F-1
tr
2μs
IF = 10 mA
CNY17F-2
tr
3μs
CNY17F-3
tr
3μs
IF = 5 mA
CNY17F-4
tr
4.6
μs
Turn-off time
IF = 20 mA
CNY17F-1
toff
18
μs
IF = 10 mA
CNY17F-2
toff
23
μs
CNY17F-3
toff
23
μs
IF = 5 mA
CNY17F-4
toff
25
μs
Fall time
IF = 20 mA
CNY17F-1
tf
11
μs
IF = 10 mA
CNY17F-2
tf
14
μs
CNY17F-3
tf
14
μs
IF = 5 mA
CNY17F-4
tf
15
μs


Similar Part No. - CNY17F-4X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-4X009T VISHAY-CNY17F-4X009T Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
CNY17F-4X009T VISHAY-CNY17F-4X009T Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-4X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com