Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS04020C4641FPWE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MCS04020C4641FPWE
Description  Professional Thin Film Chip Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS04020C4641FPWE Datasheet(HTML) 1 Page - Vishay Siliconix

  MCS04020C4641FPWE Datasheet HTML 1Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 2Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 3Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 4Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 5Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 6Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 7Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 8Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
1
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Professional Thin Film Chip Resistors
MCS 0402, MCT 0603, MCU 0805 and MCA 1206
professional thin film flat chip resistors are the perfect
choice for most fields of modern professional electronics
where reliability and stability is of major concern. Typical
applications
include
telecommunication,
medical
equipment
and
high-end
computer
and
audio/video
electronics.
FEATURES
• Approved to EN 140401-801
• Excellent overall stability: Class 0.5
• Professional tolerance of value: ± 0.5 % and ± 1 %
• Lead (Pb)-free solder contacts
• Waste gas resistance verified by ASTM B 809
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Telecommunication
• Medical equipment
• Industrial equipment
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not exceeded.
TECHNICAL SPECIFICATIONS
MCS 0402
MCT 0603
MCU 0805
MCA 1206
Imperial size
0402
0603
0805
1206
Metric size code
RR1005M
RR1608M
RR2012M
RR3216M
Resistance range
10
 to 4.99 M; 0 
1
 to 10 M; 0 
1
 to 10 M; 0 
1
 to 2 M; 0 
Resistance tolerance
± 1 %; ± 0.5 %
Temperature coefficient
± 50 ppm/K; ± 25 ppm/K
Operation mode
Standard
Power
Standard
Power
Standard
Power
Standard
Power
Rated dissipation, P70 (1)
0.063 W
0.1 W
0.1 W
0.125 W
0.125 W
0.2 W
0.25 W
0.4 W
Operating voltage, Umax. AC/DC
50 V
75 V
150 V
200 V
Permissible film temperature,
F max.
125 °C
155 °C
125 °C
155 °C
125 °C
155 °C
125 °C
155 °C
Operating temperature range
- 55 °C to
125 °C
- 55 °C to
155 °C
- 55 °C to
125 °C
- 55 °C to
155 °C
- 55 °C to
125 °C
- 55 °C to
155 °C
- 55 °C to
125 °C
- 55 °C to
155 °C
Max. resistance change at P70
for resistance range,
|
R/R| max., after:
10
 to 4.99 M
1
 to 10 M
1
 to 10 M
1
 to 2 M
1000 h
 0.25 %
 0.5 %
 0.25 %
 0.5 %
 0.25 %
 0.5 %
 0.25 %
 0.5 %
8000 h
 0.5 %
 1.0 %
 0.5 %
 1.0 %
 0.5 %
 1.0 %
 0.5 %
 1.0 %
225 000 h
 1.5 %
-
 1.5 %
-
 1.5 %
-
 1.5 %
-
Insulation voltage:
1 min; Uins
75 V
100 V
200 V
300 V
Continuous
75 V
75 V
75 V
75 V
Failure rate: FITobserved
 0.1 x 10-9/h
 0.1 x 10-9/h
 0.1 x 10-9/h
 0.1 x 10-9/h


Similar Part No. - MCS04020C4641FPWE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCS04020C4641FPW VISHAY-MCS04020C4641FPW Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results

Similar Description - MCS04020C4641FPWE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C4700FE000 VISHAY-MCS04020C4700FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C3320FE000 VISHAY-MCS04020C3320FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com