Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP281-4 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP281-4
Description  PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP281-4 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP281-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP281-4 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP281,TLP281-4
2010-08-27
3
Absolute Maximum Ratings (Ta = 25°C)
RATING
CHARACTERISTIC
SYMBOL
TLP281
TLP281−4
UNIT
Forward Current
IF
50
mA
Forward Current Derating
∆IF /°C
−0.7 (Ta≥53°C)
−0.5 (Ta≥25°C)
mA /°C
Pulse Forward Current (Note 1)
IFP
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Collector-Emitter Voltage
VCEO
80
V
Emitter-Collector Voltage
VECO
7
V
Collector Current
IC
50
mA
Collector Power Dissipation
(1 Circuit)
PC
150
100
mW
Collector Power Dissipation
Derating(Ta≥25°C) (1 Circuit)
∆PC /°C
−1.5
−1.0
mW /°C
Junction Temperature
Tj
125
°C
Operating Temperature Range
Topr
−55 to 100
°C
Storage Temperature Range
Tstg
−55 to 125
°C
Lead Soldering Temperature
Tsol
260 (10s)
°C
Total Package Power Dissipation
(1 Circuit)
PT
200
170
mW
Total Package Power Dissipation
Derating (Ta≥25°C) (1 Circuit)
∆PT /°C
−2.0
−1.7
mW /°C
Isolation Voltage
(Note 2)
BVS
2500(AC,1min,R.H.≤60%)
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Pulse width ≤ 100μs, frequency 100Hz
(Note 2) AC, 1 minute, R.H.≤60%,Device considered a two terminal device : LED side pins shorted together and
DETECTOR side pins shorted together.
Individual Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector-Emitter
Breakdown Voltage
V(BR) CEO
IC = 0.5 mA
80
V
Emitter-Collector
Breakdown Voltage
V(BR) ECO
IE = 0.1 mA
7
V
VCE = 48 V,
Ambient Light Below
(100 ℓx)
(Note 4)
0.01
(2)
0.1
(10)
μA
Collector Dark Current
(Note 3)
ICEO
VCE = 48 V, Ta = 85°C
Ambient Light Below
(100 ℓx)
(Note 4)
2
(4)
50
(50)
μA
Capacitance
(Collector to Emitter)
CCE
V = 0, f = 1 MHz
10
pF
(Note 3) Because of the construction,leak current might be increased by ambient light.
Please use photocoupler with less ambient light.
(Note 4)Irradiation to marking side using standard light bulb.


Similar Part No. - TLP281-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP281-4 TOSHIBA-TLP281-4 Datasheet
207Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281-4 TOSHIBA-TLP281-4 Datasheet
271Kb / 8P
   PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
More results

Similar Description - TLP281-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP281-4JF TOSHIBA-TLP281-4JF Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281 TOSHIBA-TLP281 Datasheet
197Kb / 7P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4GBTPJF TOSHIBA-TLP281-4GBTPJF Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4GB-TP TOSHIBA-TLP281-4GB-TP Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281GB TOSHIBA-TLP281GB Datasheet
278Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP280F TOSHIBA-TLP280F Datasheet
185Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280GB-TP TOSHIBA-TLP280GB-TP Datasheet
210Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280 TOSHIBA-TLP280 Datasheet
219Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
   Programmable Controllers AC/DC-Input Module
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
   Programmable Controllers AC / DC-Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com