Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020C5620FB2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MMU01020C5620FB2
Description  Professional MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020C5620FB2 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MMU01020C5620FB2 Datasheet HTML 3Page - Vishay Siliconix MMU01020C5620FB2 Datasheet HTML 4Page - Vishay Siliconix MMU01020C5620FB2 Datasheet HTML 5Page - Vishay Siliconix MMU01020C5620FB2 Datasheet HTML 6Page - Vishay Siliconix MMU01020C5620FB2 Datasheet HTML 7Page - Vishay Siliconix MMU01020C5620FB2 Datasheet HTML 8Page - Vishay Siliconix MMU01020C5620FB2 Datasheet HTML 9Page - Vishay Siliconix MMU01020C5620FB2 Datasheet HTML 10Page - Vishay Siliconix MMU01020C5620FB2 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 28713
20
Revision: 05-Mar-12
MMU 0102, MMA 0204, MMB 0207 - Professional
Vishay Beyschlag
Professional MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
100
Ω
1 k
Ω
10 k
Ω
100 V
100 k
Ω
1 M
Ω
1 kV
10 V
10 kV
10
Ω
10 M
Ω
Resistance Value
R
10/700 Pulse
Pulse load rating in accordance with IEC 60115-1, 4.27; 10 µs/700 µs;
10 pulses at 1 minute intervals; for permissible resistance change 0.5 %
MMB 0207
MMU 0102
MMA 0204
0.01
100
Ω
0.1
1
µV/V
Resistance Value
R
Current Noise -
A
1
Accordance with IEC 60195
1 k
Ω
10 k
Ω
100 k
Ω
1 M
Ω
10 M
Ω
MMB 0207
MMU 0102
MMA 0204
0.1
0.3
1
GHz
3
0.5
1.0
1.5
1.8
Frequency
f
RF - Behaviour
|
Z|/R for 49.9 Ω MELF resistors
MMB 0207
MMU 0102
MMA 0204


Similar Part No. - MMU01020C5620FB2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020C5620FB200 VISHAY-MMU01020C5620FB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C5620FB200 VISHAY-MMU01020C5620FB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020C5620FB2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C4701FB300 VISHAY-MMA02040C4701FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C2202FB300 VISHAY-MMU01020C2202FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com