Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3216CH1H0R5B050A Datasheet(PDF) 11 Page - TDK Electronics

Part # C3216CH1H0R5B050A
Description  Multilayer Ceramic Chip Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216CH1H0R5B050A Datasheet(HTML) 11 Page - TDK Electronics

Back Button C3216CH1H0R5B050A Datasheet HTML 7Page - TDK Electronics C3216CH1H0R5B050A Datasheet HTML 8Page - TDK Electronics C3216CH1H0R5B050A Datasheet HTML 9Page - TDK Electronics C3216CH1H0R5B050A Datasheet HTML 10Page - TDK Electronics C3216CH1H0R5B050A Datasheet HTML 11Page - TDK Electronics C3216CH1H0R5B050A Datasheet HTML 12Page - TDK Electronics C3216CH1H0R5B050A Datasheet HTML 13Page - TDK Electronics C3216CH1H0R5B050A Datasheet HTML 14Page - TDK Electronics C3216CH1H0R5B050A Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
(10/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: X5R(±15%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
100pF
0402
0.20±0.02
±10%
C0402X5R1C101K(020BA)
±20%
C0402X5R1C101M(020BA)
0603
0.30±0.03
±10%
C0603X5R1E101K(030BA)
±20%
C0603X5R1E101M(030BA)
150pF
0402
0.20±0.02
±10%
C0402X5R1C151K(020BA)
±20%
C0402X5R1C151M(020BA)
0603
0.30±0.03
±10%
C0603X5R1E151K(030BA)
±20%
C0603X5R1E151M(030BA)
220pF
0402
0.20±0.02
±10%
C0402X5R1C221K(020BA)
±20%
C0402X5R1C221M(020BA)
0603
0.30±0.03
±10%
C0603X5R1E221K(030BA)
±20%
C0603X5R1E221M(030BA)
1005
0.50±0.05
±10%
C1005X5R1H221K(050BA)
±20%
C1005X5R1H221M(050BA)
330pF
0402
0.20±0.02
±10%
C0402X5R1C331K(020BA)
±20%
C0402X5R1C331M(020BA)
0603
0.30±0.03
±10%
C0603X5R1E331K(030BA)
±20%
C0603X5R1E331M(030BA)
1005
0.50±0.05
±10%
C1005X5R1H331K(050BA)
±20%
C1005X5R1H331M(050BA)
470pF
0402
0.20±0.02
±10%
C0402X5R1C471K(020BA)
±20%
C0402X5R1C471M(020BA)
0603
0.30±0.03
±10%
C0603X5R1E471K(030BA)
±20%
C0603X5R1E471M(030BA)
1005
0.50±0.05
±10%
C1005X5R1H471K(050BA)
±20%
C1005X5R1H471M(050BA)
680pF
0402
0.20±0.02
±10%
C0402X5R1C681K(020BA)
±20%
C0402X5R1C681M(020BA)
0603
0.30±0.03
±10%
C0603X5R1E681K(030BA)
±20%
C0603X5R1E681M(030BA)
1005
0.50±0.05
±10%
C1005X5R1H681K(050BA)
±20%
C1005X5R1H681M(050BA)
1nF
0603
0.30±0.03
±10%
C0603X5R1E102K(030BA)
±20%
C0603X5R1E102M(030BA)
1005
0.50±0.05
±10%
C1005X5R1H102K(050BA)
±20%
C1005X5R1H102M(050BA)
1.5nF
0603
0.30±0.03
±10%
C0603X5R1E152K(030BA)
±20%
C0603X5R1E152M(030BA)
1005
0.50±0.05
±10%
C1005X5R1H152K(050BA)
±20%
C1005X5R1H152M(050BA)
2.2nF
0603
0.30±0.03
±10%
C0603X5R1E222K(030BA)
±20%
C0603X5R1E222M(030BA)
1005
0.50±0.05
±10%
C1005X5R1H222K(050BA)
±20%
C1005X5R1H222M(050BA)
3.3nF
0603
0.30±0.03
±10%
C0603X5R1E332K(030BA)
±20%
C0603X5R1E332M(030BA)
1005
0.50±0.05
±10%
C1005X5R1H332K(050BA)
±20%
C1005X5R1H332M(050BA)
4.7nF
0603
0.30±0.03
±10%
C0603X5R1C472K(030BA)
±20%
C0603X5R1C472M(030BA)
1005
0.50±0.05
±10%
C1005X5R1H472K(050BA)
±20%
C1005X5R1H472M(050BA)
6.8nF
1005
0.50±0.05
±10%
C1005X5R1H682K(050BA)
±20%
C1005X5R1H682M(050BA)
10nF
1005
0.50±0.05
±10%
C1005X5R1H103K(050BB)
±20%
C1005X5R1H103M(050BB)
1608
0.80±0.10
±10%
C1608X5R1H103K(080AA)
±20%
C1608X5R1H103M(080AA)
15nF
1005
0.50±0.05
±10%
C1005X5R1H153K(050BB)
±20%
C1005X5R1H153M(050BB)
1608
0.80±0.10
±10%
C1608X5R1H153K(080AA)
±20%
C1608X5R1H153M(080AA)


Similar Part No. - C3216CH1H0R5B050A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216CH1H103J TDK-C3216CH1H103J Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
C3216CH1H103J060AA TDK-C3216CH1H103J060AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216CH1H103J060AA TDK-C3216CH1H103J060AA_17 Datasheet
184Kb / 3P
   Multilayer Ceramic Chip Capacitors
C3216CH1H103K060AA TDK-C3216CH1H103K060AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216CH1H103K060AA TDK-C3216CH1H103K060AA_17 Datasheet
184Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216CH1H0R5B050A

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com