Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39R1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E39R1
Description  Photoelectric Sensors E3F2
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39R1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E39R1 Datasheet HTML 1Page - Omron Electronics LLC E39R1 Datasheet HTML 2Page - Omron Electronics LLC E39R1 Datasheet HTML 3Page - Omron Electronics LLC E39R1 Datasheet HTML 4Page - Omron Electronics LLC E39R1 Datasheet HTML 5Page - Omron Electronics LLC E39R1 Datasheet HTML 6Page - Omron Electronics LLC E39R1 Datasheet HTML 7Page - Omron Electronics LLC E39R1 Datasheet HTML 8Page - Omron Electronics LLC E39R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Photoelectric Sensors
E3F2
1
Photoelectric Sensors
E3F2
Threaded Cylindrical Photoelectric
Sensors with Built-in Amplifier for Use
as an Optical Proximity Switch
• M18 DIN-sized cylindrical housing
• Housing materials: plastic, nickel plated brass and stainless
steel
• Axial and radial types (with integrated 90°-optics)
• Enclosure rating IP67
• DC switching types with connectors for easy maintenance
• Full metal plug-in type
• Sensing distance separate types: 7 m, 10 m
• Retroreflective polarizing types: 2 m, 4 m
• Background suppression type: 10 cm
• Long detection distance (0.3 m, 1 m) with sensitivity adjust-
er for diffuse type
• Wide-beam characteristics (10 cm) for diffuse type
• Wide operating voltage range
(10 to 30 VDC or 24 to 240 VAC)
• Short-circuit and reverse connection protection
(DC switching type)
• UL and CSA approved (AC switching types)
• UL listed (DC switching types)


Similar Part No. - E39R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E39 ETC1-E39 Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E39 OMRON-E39 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E39-E10 OMRON-E39-E10 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E39-E11 OMRON-E39-E11 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E39-E8 OMRON-E39-E8 Datasheet
296Kb / 10P
   Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
More results

Similar Description - E39R1

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com