Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA0714XI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APA0714XI-TRG
Description  3W Mono Fully Differential Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0714XI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APA0714XI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APA0714XI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APA0714XI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA0714XI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA0714XI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA0714XI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA0714XI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APA0714XI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APA0714XI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2010
www.anpec.com.tw
8
APA0714
Typical Operating Characteristics (Cont.)
+60
+260
+100
+140
+180
+220
+4
+14
+6
+8
+10
+12
10
200k
100
1k
10k
Frequency Response
Frequency (Hz)
V
DD=5.0V
A
V=12dB
R
L=8Ω
C
i=0.22µF
Gain
Phase
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
Frequency (Hz)
PSRR vs. Frequency
V
DD=3.6V
R
L=8Ω
A
V=12dB
C
i=0.22µF
V
rr=0.2Vrms
C
b=0.1µF
C
b=0.01µF
C
b=1µF
C
b=0.47µF
-80
+0
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
CMRR vs. Frequency
Frequency (Hz)
R
L=8Ω
A
V=12dB
V
in=0.2VPP
C
i=0.22µF
V
DD=2.4V
V
DD=3.6V
V
DD=5.0V
1u
50u
2u
3u
4u
5u
7u
10u
20u
30u
40u
20
20k
100
1k
10k
Output Noise Voltage vs. Frequency
Frequency (Hz)
V
DD=2.4V
R
L=8Ω
A
V=12dB
C
i=0.22µF
A-Weighting
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
1
5
2
3
4
CMRR vs. Common Mode Input Voltage
Common Mode Input Voltage (Vrms)
R
L=8Ω
A
V=12dB
f
in=1kHz
C
i=0.22µF
V
DD=2.4V
V
DD=3.6V
V
DD=5.0V
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
Frequency (Hz)
PSRR vs. Frequency
R
L=8Ω
A
V=12dB
C
b=0.22µF
C
i=0.22µF
V
rr=0.2Vrms
V
DD=2.4V
V
DD=3.6V
V
DD=5.0V


Similar Part No. - APA0714XI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K ANPEC-APA0710K Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K-TR ANPEC-APA0710K-TR Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K-TRL ANPEC-APA0710K-TRL Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710KI ANPEC-APA0710KI Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
More results

Similar Description - APA0714XI-TRG

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM2010A HMSEMI-HM2010A Datasheet
712Kb / 7P
   3W Class D Fully Differential Input Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_07 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com