Electronic Components Datasheet Search |
|
AD7538 Datasheet(PDF) 6 Page - Analog Devices |
|
AD7538 Datasheet(HTML) 6 Page - Analog Devices |
6 / 16 page AD7538 Rev. B | Page 6 of 16 ABSOLUTE MAXIMUM RATINGS TA = +25°C unless, otherwise stated. Table 4. Parameter Rating VDD (Pin 23) to DGND −0.3 V, +17 V VSS (Pin 24) to AGND −15 V, +0.3 V VREF (Pin 1) to AGND ±25 V VRFB (Pin 2) to AGND ±25 V Digital Input Voltage (Pins 6 to 22) to DGND −0.3 V, VDD +0.3 V VPIN3 to DGND −0.3 V, VDD +0.3 V AGND to DGND −0.3 V, VDD +0.3 V Power Dissipation (Any Package) To 75°C 1000 mW Derates Above 75°C 10 mW/°C Operating Temperature Range Commercial (J, K Versions) 0°C to +70°C Industrial (A, B Versions) −25°C to +85°C Extended (S, T Versions) −55°C to +125°C Storage Temperature −65°C to +150°C Lead Temperature (Soldering, 10 sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Similar Part No. - AD7538 |
|
Similar Description - AD7538 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |