Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7538
Description  LC2MOS Microprocessor-Compatible 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538 Datasheet(HTML) 3 Page - Analog Devices

  AD7538 Datasheet HTML 1Page - Analog Devices AD7538 Datasheet HTML 2Page - Analog Devices AD7538 Datasheet HTML 3Page - Analog Devices AD7538 Datasheet HTML 4Page - Analog Devices AD7538 Datasheet HTML 5Page - Analog Devices AD7538 Datasheet HTML 6Page - Analog Devices AD7538 Datasheet HTML 7Page - Analog Devices AD7538 Datasheet HTML 8Page - Analog Devices AD7538 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7538
Rev. B | Page 3 of 16
SPECIFICATIONS
VDD = 11.4 V to 15.75 V1, VREF = 10 V; VPIN3 = VPIN4 = 0 V, VSS = −300 mV; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter2
A, J
Versions
B, K
Versions
S Version
T Version
Unit
Test Conditions/Comments
ACCURACY
Resolution
14
14
14
14
Bits
Relative Accuracy
±2
±1
±2
±1
LSB max
All grades guaranteed
monotonic
Differential Nonlinearity
±1
±1
±1
±1
LSB max
Over temperature
Full-Scale Error
Measured using internal RFB DAC
+25°C
±4
±4
±4
±4
LSB max
Registers loaded with all 1s
TMIN to TMAX
±8
±5
±10
±6
LSB max
Gain Temperature Coefficient3;
ΔGain/ΔTemperature
±2
±2
±2
±2
ppm/°C typ
Output Leakage Current
IOUT (Pin 3)
25°C
±5
±5
±5
±5
nA max
All digital inputs 0 V
TMIN to TMAX
±10
±10
±20
±20
nA max
VSS = –300 mV
TMIN to TMAX
±25
±25
±150
±150
nA max
VSS = 0 V
REFERENCE INPUT
Input Resistance (Pin 1)
3.5
3.5
3.5
3.5
kΩ min
Typical input resistance = 6 kΩ
10
10
10
10
kΩ max
DIGITAL INPUTS
VIH (Input High Voltage)
2.4
2.4
2.4
2.4
V min
VIL (Input Low Voltage)
0.8
0.8
0.8
0.8
V max
IIN (Input Current)
25°C
±1
±1
±1
±1
μA max
VIN = 0 V or VDD
TMIN to TMAX
±10
±10
±10
±10
μA max
CIN (Input Capacitance)3
7
7
7
7
pF max
POWER SUPPLY
VDD Range
11.4/15.75
11.4/15.75
11.4/15.75
11.4/15.75
V min/V max
Specification guaranteed over
this range
VSS Range
−200/−500
−200/−500
−200/−500
−200/−500
mV min/
mV max
Specification guaranteed over
this range
IDD
4
4
4
4
mA max
All digital inputs are VIL or VIH
500
500
500
500
μA max
All digital inputs are 0 V or VDD
1 Specifications are guaranteed for a VDD of 11.4 V to 15.75 V. At VDD = 5 V, the device is fully functional with degraded specifications.
2 Temperature range as follows: J, K Versions: 0°C to +70°C
A, B Versions: −25°C to +85°C
S, T Versions: −55°C to +125°C
3 Sample tested to ensure compliance.


Similar Part No. - AD7538

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538 AD-AD7538 Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538AQ AD-AD7538AQ Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538AQ AD-AD7538AQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538BQ AD-AD7538BQ Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
More results

Similar Description - AD7538

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com