Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538KN Datasheet(PDF) 4 Page - Analog Devices

Part # AD7538KN
Description  LC2MOS Microprocessor-Compatible 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538KN Datasheet(HTML) 4 Page - Analog Devices

  AD7538KN Datasheet HTML 1Page - Analog Devices AD7538KN Datasheet HTML 2Page - Analog Devices AD7538KN Datasheet HTML 3Page - Analog Devices AD7538KN Datasheet HTML 4Page - Analog Devices AD7538KN Datasheet HTML 5Page - Analog Devices AD7538KN Datasheet HTML 6Page - Analog Devices AD7538KN Datasheet HTML 7Page - Analog Devices AD7538KN Datasheet HTML 8Page - Analog Devices AD7538KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7538
Rev. B | Page 4 of 16
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for design guidance only and are not subject to test. VDD = 11.4 V to 15.75 V, VREF = 10 V, VPIN3 = VPIN4 =
0 V, VSS = 0 V or −300 mV, output amplifier is AD711 except where noted.
Table 2.
Parameter
TA = 25°C
TA = TMIN, TMAX
Unit
Test Conditions/Comments
Output Current Settling Time
1.5
μs max
To 0.003% of full-scale range
IOUT load= 100 Ω, CEXT = 13 pF DAC register alternately loaded
with all 1s and all 0s; typical value of settling time is 0.8 μs
Digital-to-Analog Glitch Impulse
20
nV-sec typ
Measured with VREF = 0 V. IOUT load = 100 Ω, CEXT = 13 pF; DAC
register alternately loaded with all 1s and all 0s
Multiplying Feedthrough Error
3
5
mV p-p typ
VREF = ±10 V, 10 kHz sine wave DAC
Register loaded with all 0s
Power Supply Rejection
ΔGain/ΔVDD
±0.01
±0.02
% per % max
ΔVDD = ±5%
Output Capacitance
COUT (Pin 3)
260
260
pF max
DAC register loaded with all 1s
COUT (Pin 3)
130
130
pF max
DAC register loaded with all 0s
Output Noise Voltage Density
(10 Hz to 100 kHz)
15
nV√Hz typ
Measured between RFB and IOUT
TIMING CHARACTERISTICS
VDD = 11.4 V to 15.75 V, VREF = 10 V, VPIN3 = VPIN4 = 0 V, VSS = 0 V or −300 mV. All specifications TMIN to TMAX unless otherwise noted. See
Figure 2 for a timing diagram.
Table 3.
Parameter1
Limit at
TA = +25°C
Limit at TA = 0°C to +70°C
TA = −25°C to +85°C
Limit at
TA = −55°C to +125°C
Unit
Test Conditions/Comments
t1
0
0
0
ns min
CS to WR setup time
t2
0
0
0
ns min
CS to WR hold time
t3
170
200
240
ns min
LDAC pulse width
t4
170
200
240
ns min
Write pulse width
t5
140
160
180
ns min
Data setup time
t6
20
20
30
ns min
Data hold time
1 Temperature range as follows: J, K Versions: 0°C to +70°C
A, B Versions: −25°C to +85°C
S, T Versions: −55°C to +125°C


Similar Part No. - AD7538KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538KN AD-AD7538KN Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538KN AD-AD7538KN Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538KNZ1 AD-AD7538KNZ1 Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com