Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538KN Datasheet(PDF) 1 Page - Analog Devices

Part # AD7538KN
Description  LC2MOS Microprocessor-Compatible 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538KN Datasheet(HTML) 1 Page - Analog Devices

  AD7538KN Datasheet HTML 1Page - Analog Devices AD7538KN Datasheet HTML 2Page - Analog Devices AD7538KN Datasheet HTML 3Page - Analog Devices AD7538KN Datasheet HTML 4Page - Analog Devices AD7538KN Datasheet HTML 5Page - Analog Devices AD7538KN Datasheet HTML 6Page - Analog Devices AD7538KN Datasheet HTML 7Page - Analog Devices AD7538KN Datasheet HTML 8Page - Analog Devices AD7538KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LC2MOS
Microprocessor-Compatible 14-Bit DAC
AD7538
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
All grades 14-bit monotonic over the full temperature range
Low cost, 14-bit upgrade for 12-bit systems
14-bit parallel load with double buffered inputs
Small 24-pin, 0.30” DIP and SOIC
Low output leakage (<20 nA) over the full temperature range
APPLICATIONS
Microprocessor-based control systems
Digital audio
Precision servo control
Control and measurement in high temperature environments
FUNCTIONAL BLOCK DIAGRAM
2
23
1
3
4
20
21
22
24
5
619
14-BIT DAC
DAC REGISTER
INPUT
REGISTER
14
AD7538
DB13 TO DB0
DGND
VDD
VSS
WR
CS
LDAC
AGND
IOUT
VREF
RFB
Figure 1.
GENERAL DESCRIPTION
The AD7538 is a 14-bit monolithic CMOS digital-to-analog
converter (DAC) that uses laser trimmed thin-film resistors to
achieve excellent linearity.
The DAC is loaded by a single 14-bit wide word using standard
chip select and memory write logic. Double buffering, which is
optional using LDAC, allows simultaneous updates in a system
containing multiple AD7538s.
A novel low leakage configuration enables the AD7538 to
exhibit excellent output leakage current characteristics over
the specified temperature range.
The AD7538 is manufactured using the linear-compatible
CMOS (LC2MOS) process. It is speed compatible with most
microprocessors and accepts TTL or CMOS logic level inputs.
PRODUCT HIGHLIGHTS
1.
Guaranteed Monotonicity.
The AD7538 is guaranteed monotonic to 14-bits over the
full temperature range for all grades.
2.
Low Cost.
The AD7538, with its 14-bit dynamic range, affords a low
cost solution for 12-bit system upgrades.
3.
Small Package Size.
The AD7538 is packaged in a small 24-pin, 0.3" DIP and a
24-pin SOIC.
4.
Low Output Leakage.
By tying VSS (Pin 24) to a negative voltage, it is possible to
achieve a low output leakage current at high temperatures.
5.
Wide Power Supply Tolerance.
The device operates on a +12 V to +15 V VDD, with a ±5%
tolerance on this nominal figure. All specifications are
guaranteed over this range.


Similar Part No. - AD7538KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538KN AD-AD7538KN Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538KN AD-AD7538KN Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538KNZ1 AD-AD7538KNZ1 Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com