Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7538KRZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD7538KRZ-REEL
Description  LC2MOS Microprocessor-Compatible 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538KRZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7538KRZ-REEL Datasheet HTML 2Page - Analog Devices AD7538KRZ-REEL Datasheet HTML 3Page - Analog Devices AD7538KRZ-REEL Datasheet HTML 4Page - Analog Devices AD7538KRZ-REEL Datasheet HTML 5Page - Analog Devices AD7538KRZ-REEL Datasheet HTML 6Page - Analog Devices AD7538KRZ-REEL Datasheet HTML 7Page - Analog Devices AD7538KRZ-REEL Datasheet HTML 8Page - Analog Devices AD7538KRZ-REEL Datasheet HTML 9Page - Analog Devices AD7538KRZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7538
Rev. B | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = +25°C unless, otherwise stated.
Table 4.
Parameter
Rating
VDD (Pin 23) to DGND
−0.3 V, +17 V
VSS (Pin 24) to AGND
−15 V, +0.3 V
VREF (Pin 1) to AGND
±25 V
VRFB (Pin 2) to AGND
±25 V
Digital Input Voltage (Pins 6 to 22)
to DGND
−0.3 V, VDD +0.3 V
VPIN3 to DGND
−0.3 V, VDD +0.3 V
AGND to DGND
−0.3 V, VDD +0.3 V
Power Dissipation (Any Package)
To 75°C
1000 mW
Derates Above 75°C
10 mW/°C
Operating Temperature Range
Commercial (J, K Versions)
0°C to +70°C
Industrial (A, B Versions)
−25°C to +85°C
Extended (S, T Versions)
−55°C to +125°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7538KRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538KRZ-REEL1 AD-AD7538KRZ-REEL1 Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538KRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com