Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3F2-LS10B4-M Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3F2-LS10B4-M
Description  Photoelectric Sensors E3F2
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-LS10B4-M Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3F2-LS10B4-M Datasheet HTML 4Page - Omron Electronics LLC E3F2-LS10B4-M Datasheet HTML 5Page - Omron Electronics LLC E3F2-LS10B4-M Datasheet HTML 6Page - Omron Electronics LLC E3F2-LS10B4-M Datasheet HTML 7Page - Omron Electronics LLC E3F2-LS10B4-M Datasheet HTML 8Page - Omron Electronics LLC E3F2-LS10B4-M Datasheet HTML 9Page - Omron Electronics LLC E3F2-LS10B4-M Datasheet HTML 10Page - Omron Electronics LLC E3F2-LS10B4-M Datasheet HTML 11Page - Omron Electronics LLC E3F2-LS10B4-M Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Photoelectric Sensors
E3F2
Engineering Data (Typical)
■ Operating Range (typical)
Through-beam Models (axial)
E3F2-7
@4-@
Through-beam Models (axial)
E3F2-3Z
@
Through-beam Models (axial)
E3F2-10
@
Retroreflective Models (axial)
E3F2-R2
@4-@ (non polarizing)
and reflectors
Retroreflective Models (axial)
E3F2-R2Z
@ (non polarizing)
and reflectors
Retroreflective Models (axial)
E3F2-R2R
@4-@ (polarizing)
and reflectors
Retro-reflective Models (axial)
E3F2-R4
@4@-@ (polarizing)
Retroreflective Models (radial)
E3F2-R2R
@41-@ (polarizing)
and reflectors
1234
5
0
0
100
200
300
–100
–200
–300
Distance X (m)
typical sensing distance: 3.8 m
X
Y
-500
-400
-300
-200
-100
0
100
200
300
400
500
0 1 2 3 4 5 6 7 8 9 10 11 12 13 1415 16 17
Distance X (m)
X
Y
1
2
34
56
0
0
100
200
300
–100
–200
–300
Distance X (m)
8
7
typical sensing distances:
E39-R1: 4.0 m
E39-R7: 4.5 m
E39-R8: 5.3 m
X
Y
Reflector
1
2
34
56
0
0
100
200
300
–100
–200
–300
Distance X (m)
8
7
typical sensing distances:
E39-R1: 3.4 m
E39-R7: 3.9 m
E39-R8: 5.2 m
X
Y
Reflector
12
3
4
5
6
0
0
50
100
150
200
–50
–100
–150
–200
Distance X (m)
X
Y
Reflector
7
typical sensing distances:
E39-R1: 3.7 m
E39-R7: 4.2 m
E39-R8: 5.3 m
0
01
234
56
789
Distance X (m)
- 250
- 200
- 150
- 100
-50
50
100
150
200
250
X
Y
Reflector
Typical sensing distance
E39-RS3
E39-R1S
E39-R40
E39-R7
E39-R8
0.5
1
1.5
2
2.5
3
0
0
50
100
–50
–100
Distance X (m)
4
3.5
typical sensing distances:
E39-R1: 2.4 m
E39-R7: 2.7 m
E39-R8: 3.1 m
X
Y
Reflector


Similar Part No. - E3F2-LS10B4-M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2-LS10B4-P1 OMRON-E3F2-LS10B4-P1 Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
More results

Similar Description - E3F2-LS10B4-M

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com