Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2069JI-TUG Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2069JI-TUG
Description  Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2069JI-TUG Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2069JI-TUG Datasheet HTML 2Page - Anpec Electronics Coropration APA2069JI-TUG Datasheet HTML 3Page - Anpec Electronics Coropration APA2069JI-TUG Datasheet HTML 4Page - Anpec Electronics Coropration APA2069JI-TUG Datasheet HTML 5Page - Anpec Electronics Coropration APA2069JI-TUG Datasheet HTML 6Page - Anpec Electronics Coropration APA2069JI-TUG Datasheet HTML 7Page - Anpec Electronics Coropration APA2069JI-TUG Datasheet HTML 8Page - Anpec Electronics Coropration APA2069JI-TUG Datasheet HTML 9Page - Anpec Electronics Coropration APA2069JI-TUG Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Jul., 2011
APA2069
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
THD+N vs. Frequency
THD+N vs. Frequency
Frequency (Hz)
Frequency (Hz)
0.01
10
0.1
1
20
20k
100
1k
10k
P
O = 0.5W
V
DD = 5V
A
V = 6dB
R
L=8Ω
BTL
P
O = 0.9W
0.01
10
0.1
1
20
20k
100
1k
10k
A
V = 6dB
A
V = 20dB
V
DD=5V
R
L=8Ω
P
O=0.9W
BTL
THD+N vs. Output Power
THD+N vs. Output Power
Output Power (W)
Output Power (W)
0.01
10
0.1
1
0
240m
40m
80m
120m 160m 200m
V
DD=5V
f
in=1kHz
R
L=16Ω
SE
A
V = 0dB
A
V = 14dB
0.01
10
0.1
1
10m
300m
50m
100m 200m
V
DD=5V
A
V=14dB
R
L=16Ω
C
O=1000µf
SE
f
in = 20kHz
f
in= 1kHz
f
in = 20Hz
THD+N vs. Frequency
Frequency (Hz)
THD+N vs. Frequency
Frequency (Hz)
0.01
10
0.1
20
20k
100
1k
10k
V
DD=5V
R
L=16Ω
P
O=125mW
C
O=1000µf
SE
A
V = 0dB
1
A
V = 14dB
0.01
10
0.1
1
20
20k
100
1k
10k
V
DD=5V
A
V=0dB
R
L=16Ω
C
O=1000µf
SE
P
O = 125mW
P
O = 60mW


Similar Part No. - APA2069JI-TUG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2069JI-TU ANPEC-APA2069JI-TU Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069JI-TUL ANPEC-APA2069JI-TUL Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
More results

Similar Description - APA2069JI-TUG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
   Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com