Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2070JI-TUG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2070JI-TUG
Description  Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2070JI-TUG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2070JI-TUG Datasheet HTML 1Page - Anpec Electronics Coropration APA2070JI-TUG Datasheet HTML 2Page - Anpec Electronics Coropration APA2070JI-TUG Datasheet HTML 3Page - Anpec Electronics Coropration APA2070JI-TUG Datasheet HTML 4Page - Anpec Electronics Coropration APA2070JI-TUG Datasheet HTML 5Page - Anpec Electronics Coropration APA2070JI-TUG Datasheet HTML 6Page - Anpec Electronics Coropration APA2070JI-TUG Datasheet HTML 7Page - Anpec Electronics Coropration APA2070JI-TUG Datasheet HTML 8Page - Anpec Electronics Coropration APA2070JI-TUG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APA2070
www.anpec.com.tw
3
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
45
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 3)
8
oC/W
Symbol
Parameter
Range
Unit
VDD
Supply Voltage
4.5 ~ 5.5
SHUTDOWN
0.4VDD ~ VDD
VIH
High Level Threshold Voltage
SE/BTL
0.8VDD ~ VDD
SHUTDOWN
0 ~ 1.0
VIL
Low Level Threshold Voltage
SE/BTL
0 ~ 1.0
VCIM
Common Mode Input Voltage
~ VDD-1.0
V
TA
Ambient Temperature Range
-40 ~ 80
TJ
Junction Temperature Range
-40 ~ 125
οC
RL
Speaker Resistance
3 ~
RL
Headphone Resistance
16 ~
Recommended Operating Conditions (Note 4)
Electrical Characteristics
APA2070
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSE/BTL =0V
-
9
20
IDD
Supply Current
VSE/BTL=5V
-
4
10
mA
ISD
Shutdown Current
VSE/BTL=0V
VSHUTDOWN =0V
-
1
-
µA
TSTART-UP
Start-Up Time from Shutdown
CBYPASS=2.2
µF
-
1.6
-
s
BTL MODE. VDD=5V, GAIN=6dB (UNLESS OTHERWISE NOTED)
THD+N=10%, RL=3
Ω, f
in=1kHz
-
3.1
-
THD+N =10%, RL=4
Ω,
fin=1kHz
-
2.6
-
THD+N =10%, RL=8
Ω, f
in=1kHz
-
1.6
-
THD+N =1%, RL=3
Ω, f
in=1kHz
-
2.4
-
THD+N =1%, RL=4
Ω, f
in=1kHz
-
2
-
PO
Output Power
THD+N =0.5%, RL=8
Ω,
fin=1kHz
1
1.3
-
W
PO=1.2W, RL=4
Ω, f
in=1kHz
-
0.07
-
THD+N
Total Harmonic Distortion Pulse
Noise
PO=0.9W, RL=8
Ω, f
in=1kHz
-
0.08
-
%
Unless otherwise specified, these specifications apply over V
DD=5V, VGND=0V and TA= -40 ~ 85
oC. Typical values are at T
A=25
oC.
Note 4 : Refer to the typical application circuit
Thermal Characteristics
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note 3: The case temperature is measured at the center of the GND pin on the beside of the DIP-16/DIP-16A package.


Similar Part No. - APA2070JI-TUG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
APA2071I-TUG ANPEC-APA2071I-TUG Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
APA2071I-TUL ANPEC-APA2071I-TUL Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
APA2071JI-TUG ANPEC-APA2071JI-TUG Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
More results

Similar Description - APA2070JI-TUG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com